Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41LV16105-50T Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IC41LV16105-50T
Description  1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IC41LV16105-50T Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IC41LV16105-50T Datasheet HTML 4Page - List of Unclassifed Manufacturers IC41LV16105-50T Datasheet HTML 5Page - List of Unclassifed Manufacturers IC41LV16105-50T Datasheet HTML 6Page - List of Unclassifed Manufacturers IC41LV16105-50T Datasheet HTML 7Page - List of Unclassifed Manufacturers IC41LV16105-50T Datasheet HTML 8Page - List of Unclassifed Manufacturers IC41LV16105-50T Datasheet HTML 9Page - List of Unclassifed Manufacturers IC41LV16105-50T Datasheet HTML 10Page - List of Unclassifed Manufacturers IC41LV16105-50T Datasheet HTML 11Page - List of Unclassifed Manufacturers IC41LV16105-50T Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
IC41C16105
IC41LV16105
S2-8
Integrated Circuit Solution Inc.
DR014-0A 06/07/2001
AC CHARACTERISTICS (Continued)(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-50
-60
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tACH
Column-Address Setup Time to CAS
15
—
15
—
ns
Precharge during WRITE Cycle
tOEH
OE Hold Time from WE during
8
—
10
—
ns
READ-MODI.Y-WRITE cycle(18)
tDS
Data-In Setup Time(15, 22)
ns
tDH
Data-In Hold Time(15, 22)
10
—
ns
tRWC
READ-MODI.Y-WRITE Cycle Time
108
—
133
—
ns
tRWD
RAS to WE Delay Time during
64
—
77
—
ns
READ-MODI.Y-WRITE Cycle(14)
tCWD
CAS to WE Delay Time(14, 20)
26
—
32
—
ns
tAWD
Column-Address to WE Delay Time(14)
39
—
47
—
ns
tPC
.ast Page Mode READ or WRITE
20
—
25
—
ns
Cycle Time(24)
tRASP
RAS Pulse Width
50
100K
60
100K
ns
tCPA
Access Time from CAS Precharge(15)
—30
—
35
ns
tPRWC
READ-WRITE Cycle Time(24)
56
—
68
—
ns
tCOH
Data Output Hold after CAS LOW
ns
tO..
Output Buffer Turn-Off Delay from
1.6
121.6
15
ns
CAS or RAS(13,15,19, 29)
tWHZ
Output Disable Delay from WE
310
3
10
ns
tCLCH
Last CAS going LOW to .irst CAS
10
—
10
—
ns
returning HIGH(23)
tCSR
CAS Setup Time (CBR RE.RESH)(30, 20)
ns
tCHR
CAS Hold Time (CBR RE.RESH)(30, 21)
10
—
ns
tORD
OE Setup Time prior to RAS during
0
—
0
—
ns
HIDDEN RE.RESH Cycle
tRE.
Auto Refresh Period (1,024 Cycles)
—
16
—
16
ms
tT
Transition Time (Rise or .all)(2, 3)
150
1
50
ns
AC TEST CONDITIONS
Output load:
Two TTL Loads and 50 p. (Vcc = 5.0V ±10%)
One TTL Load and 50 p. (Vcc = 3.3V ±10%)
Input timing reference levels: VIH = 2.4V, VIL = 0.8V (Vcc = 5.0V ±10%);
VIH = 2.0V, VIL = 0.8V (Vcc = 3.3V ±10%)
Output timing reference levels: VOH = 2.0V, VOL = 0.8V (Vcc = 5V ±10%, 3.3V ±10%)


Similar Part No. - IC41LV16105-50T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV16105S ICSI-IC41LV16105S Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16105S-50K ICSI-IC41LV16105S-50K Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16105S-50KI ICSI-IC41LV16105S-50KI Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16105S-50T ICSI-IC41LV16105S-50T Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16105S-50TI ICSI-IC41LV16105S-50TI Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IC41LV16105-50T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105B ISSI-IS41LV16105B Datasheet
131Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41C16105 ICSI-IS41C16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105S ICSI-IC41C16105S Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com