Electronic Components Datasheet Search |
|
HLMP-P205-F0000 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard) |
|
HLMP-P205-F0000 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard) |
9 / 16 page 9 Yellow Device HLMP- Parameter Symbol Min. Typ. Max. Units Test Conditions P302-F00xx 1.0 3.0 P305-F00xx 1.0 4.0 6400-F00xx 1.0 9.0 6400-JK000 4.0 12.5 IF = 10 mA 6405-J00xx Luminous Intensity[1] IV 3.6 20 mcd 6405-MN0xx 16 50 7019-D00xx 0.4 0.6 IF = 2 mA 6700-G00xx 1.4 5.0 VF = 5.0 Volts 6720-F00xx 0.9 2.0 All Forward Voltage VF 2.0 2.4 V IF = 10 mA (Nonresistor Lamps) 6700 Forward Current IF 9.6 13.0 mA VF = 5.0 V 6720 (Resistor Lamps) 3.5 5.0 All Reverse Breakdown VR 5.0 50.0 V Voltage P305 Included Angle Between 125 6405 Half Intensity Points[2] 2q1/2 28 Deg. All Diffused 90 Peak Wavelength lPEAK 583 nm Measured at Peak Dominant Wavelength[3] ld 585 nm Spectral Line Half Width Dl1/2 36 nm All Speed of Response ts 90 ns Capacitance C 15 pF VF = 0; f = 1 MHz Thermal Resistance RqJ-PIN 170 °C/W Junction-to-Cathode Lead Luminous Efficacy[4] hv 500 lm/W |
Similar Part No. - HLMP-P205-F0000 |
|
Similar Description - HLMP-P205-F0000 |