Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD-700-LAF-GKB-XX.XXX Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CD-700-LAF-GKB-XX.XXX
Description  Complete VCXO Based Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CD-700-LAF-GKB-XX.XXX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CD-700-LAF-GKB-XX.XXX Datasheet HTML 1Page - List of Unclassifed Manufacturers CD-700-LAF-GKB-XX.XXX Datasheet HTML 2Page - List of Unclassifed Manufacturers CD-700-LAF-GKB-XX.XXX Datasheet HTML 3Page - List of Unclassifed Manufacturers CD-700-LAF-GKB-XX.XXX Datasheet HTML 4Page - List of Unclassifed Manufacturers CD-700-LAF-GKB-XX.XXX Datasheet HTML 5Page - List of Unclassifed Manufacturers CD-700-LAF-GKB-XX.XXX Datasheet HTML 6Page - List of Unclassifed Manufacturers CD-700-LAF-GKB-XX.XXX Datasheet HTML 7Page - List of Unclassifed Manufacturers CD-700-LAF-GKB-XX.XXX Datasheet HTML 8Page - List of Unclassifed Manufacturers CD-700-LAF-GKB-XX.XXX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CD-700, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel:1-88-VECTRON-1
Website: www.vectron.com
Page 3 of 14
Rev : 06Jul05
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional
operation is not implied at these or any other conditions in excess of conditions represented in the
operational sections of this data sheet. Exposure to absolute maximum ratings for extended periods may
adversely affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
VDD
7
Vdc
Storage Temperature
Tstorage
-55/125
°C
Clock and Data Input Range
CLKIN, DATAIN
Gnd-0.5 to VDD +0.5
V
Reliability
The CD-700 is capable of meeting the following qualification tests.
Table 3. Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014, 100% Tested
Resistance to Solvents
MIL-STD-883, Method 2016
Handling Precautions
Although ESD protection circuitry has been designed into the the CD-700, proper precautions should be
taken when handling and mounting. VI employs a Human Body Model (HBM) and a Charged Device
Model (CDM) for ESD susceptibility testing and design protection evaluation. ESD thresholds are
dependent on the circuit parameters used to define the model.
Table 4. Predicted ESD Ratings
Model
Minimum
Conditions
Human Body Model
1500 V
MIL-STD 883, Method 3015
Charged Device Model
1000 V
JESD 22-C101


Similar Part No. - CD-700-LAF-GKB-XX.XXX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CD-700-LAF-GAB-77.760 VECTRON-CD-700-LAF-GAB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-LAF-GAC-77.760 VECTRON-CD-700-LAF-GAC-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-LAF-GAD-77.760 VECTRON-CD-700-LAF-GAD-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-LAF-GBB-77.760 VECTRON-CD-700-LAF-GBB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-LAF-GBC-77.760 VECTRON-CD-700-LAF-GBC-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

Similar Description - CD-700-LAF-GKB-XX.XXX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com