Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HCPL-814 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part No. HCPL-814
Description  AC Input Phototransistor Optocoupler High Density Mounting Type
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

   
 6 page
background image
Figure 12. Test circuit for response time.
Figure 13. Test circuit for frequency response.
VCC
RD
INPUT
RL
OUTPUT
INPUT
OUTPUT
10%
90%
td
;;
tr
ts
tf
RD
VCC
RL
OUTPUT
;;
;
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(916) 788-6763
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6756 2394
India, Australia, New Zealand: (+65) 6755 1939
Japan: (+81 3) 3335-8152 (Domestic/Interna-
tional), or 0120-61-1280 (Domestic Only)
Korea: (+65) 6755 1989
Singapore, Malaysia, Vietnam, Thailand,
Philippines, Indonesia: (+65) 6755 2044
Taiwan: (+65) 6755 1843
Data subject to change.
Copyright © 2004 Agilent Technologies, Inc.
Obsoletes 5989-0301EN
November 3, 2004
5989-1735EN




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HCPL-817Phototransistor Optocoupler High Density Mounting Type 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
IS126HIGH DENSITY MOUNTING AC INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ISP620-1XHIGH DENSITY A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 List of Unclassifed Manufacturers
PS2915-1HIGH CTR AC INPUT RESPONSE TYPE 4 PIN ULTRA SMALL PACKAGE FLAT LEAD OPTOCOUPLER 1 2 3 4 5 MoreCalifornia Eastern Labs
ISP521-1HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 List of Unclassifed Manufacturers
PC845High Sensitivity High Density Mounting Type Photocoupler 1 2 3 4 5 Sharp Electrionic Components
PC815High Sensitivity High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
HCPL-354AC Input Phototransistor Optocoupler SMD Mini-Flat Type 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
PC817AHigh Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
LTV817HIgh Density Mounting Type Photocoupler 1 2 3 4 5 Lite-On Technology Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl