Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMF22N Datasheet(PDF) 2 Page - Rohm

Part # UMF22N
Description  Power management (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMF22N Datasheet(HTML) 2 Page - Rohm

  UMF22N Datasheet HTML 1Page - Rohm UMF22N Datasheet HTML 2Page - Rohm UMF22N Datasheet HTML 3Page - Rohm UMF22N Datasheet HTML 4Page - Rohm UMF22N Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMF22 / UMF22N
Transistors
2/4
Absolute maximum ratings (Ta=25
°C)
Tr1
Parameter
∗1 Single pulse PW=1ms
∗2 120mW per element must not be exceeded.
Each terminal mounted on a recommended land.
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
15
12
6
500
150(TOTAL)
150
−55~+150
1.0
∗1
∗2
Unit
V
V
V
mA
A
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
DTr2
Parameter
∗1 Characteristics of built-in transistor.
∗2 120mW per element must not be exceeded.
Each terminal mounted on a recommended land.
Symbol
VCC
VIN
IC
IO
PC
Tj
Tstg
Limits
50
−10~+40
100
50
150(TOTAL)
150
−55~+150
∗1
∗2
Unit
V
V
mA
mA
mW
°C
°C
Supply voltage
Input voltage
Collector current
Output current
Power dissipation
Junction temperature
Range of storage temperature
Electrical characteristics (Ta=25
°C)
Tr1
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCB
=10V, IE=0mA, f=1MHz
Transition frequency
fT
320
MHz
VCE
=2V, IE=−10mA, f=100MHz
BVCEO
12
−−
V
IC
=1mA
Collector-emitter breakdown voltage
BVCBO
15
−−
V
IC
=10µA
Collector-base breakdown voltage
BVEBO
6
−−
V
IE
=10µA
Emitter-base breakdown voltage
ICBO
−−
100
nA
VCB
=15V
Collector cut-off current
IEBO
−−
100
nA
VEB
=6V
Emitter cut-off current
VCE(sat)
90
250
mV
IC
=200mA, IB=10mA
Collector-emitter saturation voltage
hFE
270
680
VCE
=2V, IC=10mA
DC current gain
Cob
7.5
pF
Collector output capacitance
DTr2
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
fT
10
13
7
MHz
VCE
=10V, IE=−5mA, f=100MHz
VI(off)
−−
0.5
V
VCC
=5V, IO=100µA
VI(on)
3
−−
VO
=0.3V, IO=10mA
VO(on)
0.1
0.3
V
IO/II
=10mA/0.5mA
II
−−
0.88
mA
VI
=5V
IO(off)
−−
0.5
µAVCC=50V, VI=0V
R1
1
k
GI
30
−−
VO
=5V, IO=5mA
R2/R1
0.8
250
1.2
Transition frequency
∗Transition frequency of the device
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio


Similar Part No. - UMF22N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMF20N ROHM-UMF20N Datasheet
82Kb / 5P
   Power mamage,emt (dual transistors)
logo
Taiyo Yuden (U.S.A.), I...
UMF212B7103KGHT TAIYO-YUDEN-UMF212B7103KGHT Datasheet
401Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7103MGHT TAIYO-YUDEN-UMF212B7103MGHT Datasheet
401Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7104KGHT TAIYO-YUDEN-UMF212B7104KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7104MGHT TAIYO-YUDEN-UMF212B7104MGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results

Similar Description - UMF22N

ManufacturerPart #DatasheetDescription
logo
Rohm
EMF6 ROHM-EMF6 Datasheet
97Kb / 5P
   Power management (dual transistors)
UMF6N ROHM-UMF6N Datasheet
99Kb / 6P
   Power management (dual transistors)
EMZ2T2R ROHM-EMZ2T2R Datasheet
85Kb / 5P
   Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
   Power management (dual transistors)
VT6X12 ROHM-VT6X12 Datasheet
191Kb / 3P
   Power management (dual transistors)
EMF5 ROHM-EMF5_08 Datasheet
89Kb / 5P
   Power management (dual transistors)
VT6T2 ROHM-VT6T2 Datasheet
190Kb / 3P
   Power management (dual transistors)
VT6T11 ROHM-VT6T11 Datasheet
193Kb / 3P
   Power management (dual transistors)
VT6X1 ROHM-VT6X1 Datasheet
192Kb / 3P
   Power management (dual transistors)
UMF9N ROHM-UMF9N Datasheet
97Kb / 6P
   Power management (dual transistors)
EMF4 ROHM-EMF4 Datasheet
100Kb / 5P
   Power management (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com