Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33592FTA Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC33592FTA
Description  PLL Tuned UHF Receiver for Data Transfer Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33592FTA Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC33592FTA Datasheet HTML 5Page - Motorola, Inc MC33592FTA Datasheet HTML 6Page - Motorola, Inc MC33592FTA Datasheet HTML 7Page - Motorola, Inc MC33592FTA Datasheet HTML 8Page - Motorola, Inc MC33592FTA Datasheet HTML 9Page - Motorola, Inc MC33592FTA Datasheet HTML 10Page - Motorola, Inc MC33592FTA Datasheet HTML 11Page - Motorola, Inc MC33592FTA Datasheet HTML 12Page - Motorola, Inc MC33592FTA Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
SERIAL INTERFACE
MOTOROLA
MC33592 Technical Data
9
SERIAL INTERFACE
ROMEO2 and the microcontroller communicate through a Serial Peripheral Interface (SPI). It enables:
- the microcontroller to set and check ROMEO2 configuration,
- ROMEO2 to send the received data.
If the SPI is not used, a Power On Reset (POR) sets ROMEO2 to operate correctly in a default configuration.
The interface is operated by the 3 following input/output pins:
- Serial Clock SCLK,
- Master Output Slave Input MOSI,
- Master Input Slave Output MISO.
The master clock is used to synchronise data movement both in and out of the device through its MOSI and
MISO lines. The master and slave devices are capable of exchanging a byte of information during a sequence of
eight clock cycles. Since SCLK is generated by the master device, this line is an input on a slave device.
The MISO line is configured as an input in a master device and as an output in a slave device. The MOSI line is
configured as an output in a master device and as an input in a slave device. The MISO and MOSI lines transfer
serial data in one direction with the most significant bit sent first. Data are captured on falling edges of SCLK.
Data are shifted out on rising edge of SCLK. When no data are output, SCLK and MOSI force a low level. Using
Motorola acronyms, this means that the clock phase and polarity control bits of the microcontroller SPI have to be
CPOL= 0 and CPHA=1.
In configuration mode, as long as a low level is applied on RESETB (see state machine on figure 14 page 12),
the microcontroller is the master node providing clock information on SCLK input, control and configuration bits
on the MOSI line. If the default configuration is not the desired one, the microcontroller (MCU) can change it by
writing into the configuration registers. The configuration registers can also be read back to check their contents.
Configuration registers cannot be addressed separately, the whole configuration has to be sent as a 3x8
bitstream. The contents are written out as a 24-bit serial data stream. Transmissions which are not multiple of 24
bits may lead to unexpected configurations. The first bit transmitted on MOSI does not change the content of the
configuration registers. Note that a low level applied on RESETB does not affect the configuration register
content.
When RESETB is set to a high level, if Data Manager is enabled (DME=1), ROMEO2 becomes master and
sends received data on the MOSI line and the recovered clock on SCLK. It is then recommended that the MCU
SPI is set as slave. If the data received does not fit in an entire number of bytes, the data manager will fill the last
byte. If the data received constitute an whole number of bytes, the data manager may generate and send an
extra byte whose content is irrelevant. If DME=0, the SPI is disabled. Raw data is sent on the MOSI line.
When ROMEO2 SPI is changed from master (run mode) to slave (configuration mode) or from slave to
master, it is recommended that the MCU SPI is set as slave before the mode transition.
At power-on, the POR resets the internal registers. This defines the receiver default configuration (see gray
rows on tables 4, 7 & 8). In this configuration, the SPI is disabled and ROMEO2 sends raw data on the MOSI line.
This default configuration enables the circuit to operate as a standalone receiver without any external control.
After POR, RESETB forces a low level. Therefore an external pull-up resistor should be used in order to avoid
entering configuration mode.
Figure 12 : Writing into configuration registers
MOSI line
CR1
CR2
CR3
0
SCLK line
MCU (master)
ROMEO2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33592FTA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33592FTA FREESCALE-MC33592FTA Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33592FTA NXP-MC33592FTA Datasheet
628Kb / 28P
   315MHz, 434MHz Bands
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results

Similar Description - MC33592FTA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596 Datasheet
522Kb / 58P
   PLL Tuned UHF Receiver for Data Transfer Applications
MC33596 FREESCALE-MC33596_10 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
MC33596 FREESCALE-MC33596_09 Datasheet
950Kb / 70P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com