Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24039RHLR Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ24039RHLR
Description  SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24039RHLR Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24039RHLR Datasheet HTML 5Page - Texas Instruments BQ24039RHLR Datasheet HTML 6Page - Texas Instruments BQ24039RHLR Datasheet HTML 7Page - Texas Instruments BQ24039RHLR Datasheet HTML 8Page - Texas Instruments BQ24039RHLR Datasheet HTML 9Page - Texas Instruments BQ24039RHLR Datasheet HTML 10Page - Texas Instruments BQ24039RHLR Datasheet HTML 11Page - Texas Instruments BQ24039RHLR Datasheet HTML 12Page - Texas Instruments BQ24039RHLR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
www.ti.com
DEVICE INFORMATION
(1)
STAT1
STAT2
AC
BAT
BAT
ISET2
PSEL
CE
bq24030RHL − bq24038RHL
RHL PACKAGE
(TOP VIEW)
USBPG / VBSEL
ACPG / PG
OUT
OUT
OUT
TMR
DPPM
TS
20
1
11
10
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
bq24030, bq24031, bq24032,
bq24032A, bq24035, bq24038, bq24039
SLUS618C – AUGUST 2004 – REVISED JUNE 2005
(1)
The bq24031RHL and bq24039RHL, are Product Preview devices.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AC
4
I
Charge input voltage from AC adapter
ACPG (1)
18
O
AC power-good status output (open-drain)
BAT
5, 6
I/O
Battery input and output.
CE
9
I
Chip enable input (active high)
DPPM
13
I
Dynamic power-path management set point (account for scale factor)
ISET1
10
I/O
Charge current set point for AC input and precharge and termination set point for both AC and USB
Charge current set point for USB port. (High = 500 mA, Low = 100 mA) For bq24032, see half-charge
ISET2
7
I
current mode using ISET2.
(bq24039 only) Boot-up (Low = enabled, High = disabled); TERM Detect (High = 250 nVm, Low = 100
ISET3(2)
8
I
mV), USB MODE current multiplier (High = x2 of ISET2, Low = x1 of ISET2).
LDO
1
O
3.3-V LDO regulator
OUT
15, 16, 17
O
Output terminal to the system
PG (1)
18
O
AC or USB power-good status output (open-drain)
PSEL(2)
8
I
Power source selection input (Low for USB, High for AC)
STAT1
2
O
Charge status output 1 (open-drain)
STAT2
3
O
Charge status output 2 (open-drain)
TMR
14
I/O
Timer program input programmed by resistor. Disable safety timer and termination by tying TMR to LDO.
TS
12
I/O
Temperature sense input
USB
20
I
USB charge input voltage
USBPG (1)
19
O
USB power-good status output (open-drain)
VBSEL(3)
19
I
Battery charge voltage selection
Ground input (the thermal pad on the underside of the package) There is an internal electrical connection
between the exposed thermal pad and VSS pin of the device. The exposed thermal pad must be
VSS
11
connected to the same potential as the VSS pin on the printed-circuit board. Do not use the thermal pad as
the primary ground input for the device. VSS pin must be connected to ground at all times.
(1)
Pin 18 is PG for bq24038 and ACPG for bq24030/1/2/2A/5/9.
(2)
Pin 8 is PSEL for bq24030/1/2/2A/5/8 and ISET3 for bq24039.
(3)
Pin 19 is VBSEL for bq24038 and USBPG for bq24030/1/2/2A/5/9.
9


Similar Part No. - BQ24039RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030IRHLRQ1 TI1-BQ24030IRHLRQ1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030RHLR TI-BQ24030RHLR Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
More results

Similar Description - BQ24039RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI1-BQ24070_14 Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
logo
SHENZHEN FUMAN ELECTRON...
LTH7R FUMAN-LTH7R Datasheet
336Kb / 5P
   Charge and Charge Management IC
TC9016 FUMAN-TC9016 Datasheet
322Kb / 5P
   Charge and Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com