Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM51V16400DSL-70SJ Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM51V16400DSL-70SJ
Description  4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V16400DSL-70SJ Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM51V16400DSL-70SJ Datasheet HTML 4Page - OKI electronic componets MSM51V16400DSL-70SJ Datasheet HTML 5Page - OKI electronic componets MSM51V16400DSL-70SJ Datasheet HTML 6Page - OKI electronic componets MSM51V16400DSL-70SJ Datasheet HTML 7Page - OKI electronic componets MSM51V16400DSL-70SJ Datasheet HTML 8Page - OKI electronic componets MSM51V16400DSL-70SJ Datasheet HTML 9Page - OKI electronic componets MSM51V16400DSL-70SJ Datasheet HTML 10Page - OKI electronic componets MSM51V16400DSL-70SJ Datasheet HTML 11Page - OKI electronic componets MSM51V16400DSL-70SJ Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
¡ Semiconductor
MSM51V16400D/DSL
8/17
Notes:
1. A start-up delay of 200
µs is required after power-up, followed by a minimum of eight
initialization cycles (RAS-only refresh or CAS before RAS refresh) before proper device
operation is achieved.
2. The AC characteristics assume tT = 5 ns.
3. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals.
Transition times (tT) are measured between VIH and VIL.
4. This parameter is measured with a load circuit equivalent to 1 TTL load and 100 pF.
The output timing reference levels are VOH = 2.0 V and VOL = 0.8 V.
5. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met.
tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified
tRCD (Max.) limit, then the access time is controlled by tCAC.
6. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met.
tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified
tRAD (Max.) limit, then the access time is controlled by tAA.
7. tOFF (Max.) and tOEZ (Max.) define the time at which the output achieves the open
circuit condition and are not referenced to output voltage levels.
8. tRCH or tRRH must be satisfied for a read cycle.
9. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are
included in the data sheet as electrical characteristics only. If tWCS ≥ tWCS (Min.), then
the cycle is an early write cycle and the data out will remain open circuit (high
impedance) throughout the entire cycle. If tCWD ≥ tCWD (Min.) , tRWD ≥ tRWD (Min.),
tAWD ≥ tAWD (Min.) and tCPWD ≥ tCPWD (Min.), then the cycle is a read modify write
cycle and data out will contain data read from the selected cell; if neither of the above
sets of conditions is satisfied, then the condition of the data out (at access time) is
indeterminate.
10. These parameters are referenced to the CAS leading edge in an early write cycle, and
to the WE leading edge in an OE control write cycle, or a read modify write cycle.
11. The test mode is initiated by performing a WE and CAS before RAS refresh cycle.
This mode is latched and remains in effect until the exit cycle is generated.Inatestmode
CA0 and CA1 are not used and each DQ pin now accesses 4-bit locations. Sinceall4DQ
pins are used, a total of 16 data bits can be written in parallel into the memory array.
In a read cycle, if 4 data bits are equal, the DQ pin will indicate a high level. If the 4 data
bits are not equal, the DQ pin will indicate a low level. The test mode is cleared and the
memory device returned to its normal operating state by performing a RAS-only
refresh cycle or a CAS before RAS refresh cycle.
12. In a test mode read cycle, the value of access time parameters is delayed for 5 ns for the
specified value. These parameters should be specified in test mode cycle by adding the
above value to the specified value in this data sheet.
13. Only SL version.


Similar Part No. - MSM51V16400DSL-70SJ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V16400A OKI-MSM51V16400A Datasheet
572Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400F OKI-MSM51V16400F Datasheet
236Kb / 16P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400F-50TS-K OKI-MSM51V16400F-50TS-K Datasheet
236Kb / 16P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400F-60TS-K OKI-MSM51V16400F-60TS-K Datasheet
236Kb / 16P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400F-70TS-K OKI-MSM51V16400F-70TS-K Datasheet
236Kb / 16P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM51V16400DSL-70SJ

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400D OKI-MSM51V17400D Datasheet
471Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400C OKI-MSM5116400C Datasheet
478Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400D OKI-MSM5116400D Datasheet
160Kb / 14P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400A OKI-MSM5117400A Datasheet
568Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400A OKI-MSM51V16400A Datasheet
572Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400B OKI-MSM5116400B Datasheet
70Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400B OKI-MSM5117400B Datasheet
96Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400C OKI-MSM5117400C Datasheet
478Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400A OKI-MSM51V17400A Datasheet
584Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com