Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS62LV1603EI Datasheet(PDF) 2 Page - Brilliance Semiconductor

Part # BS62LV1603EI
Description  Very Low Power/Voltage CMOS SRAM 2M X 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1603EI Datasheet(HTML) 2 Page - Brilliance Semiconductor

  BS62LV1603EI Datasheet HTML 1Page - Brilliance Semiconductor BS62LV1603EI Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1603EI Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1603EI Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1603EI Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1603EI Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1603EI Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1603EI Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1603EI Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Revision 1.1
Jan.
2004
2
R0201-BS62LV1603
Name
Function
A0-A20 Address Input
These 21 address inputs select one of the 2048K x 8-bit words in the RAM
CE1 Chip Enable 1 Input
CE2 Chip Enable 2 Input
CE1 is active LOW and CE2 is active HIGH. Both chip enables must be active when
data read from or write to the device. If either chip enable is not active, the device is
deselected and is in a standby power mode. The DQ pins will be in the high
impedance state when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impedance state when OE is inactive.
DQ0-DQ7 Data Input/Output
Ports
These 8 bi-directional ports are used to read data from or write data into the RAM.
Vcc
Power Supply
Gnd
Ground
TRUTH TABLE
PIN DESCRIPTIONS
BSI
CIN
Input
Capacitance
VIN=0V
10
pF
CDQ
Input/Output
Capacitance
VI/O=0V
12
pF
ABSOLUTE MAXIMUM RATINGS(1)
OPERATING RANGE
CAPACITANCE (1) (TA = 25oC, f = 1.0 MHz)
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
1. This parameter is guaranteed and not 100% tested.
SYMBOL
PARAMETER
RATING
UNITS
V TERM
Terminal Voltage with
Respect to GND
-0.5 to
Vcc+0.5
V
T BIAS
Temperature Under Bias
-40 to +85
O C
T STG
Storage Temperature
-60 to +150
O C
P T
Power Dissipation
1.0
W
I OUT
DC Output Current
20
mA
BS62LV1603
RANGE
AMBIENT
TEMPERATURE
Vcc
Commercial
0
O C to +70 O C
2.7V ~ 3.6V
Industrial
-40
O C to +85 O C
2.7V ~ 3.6V
MODE
WE
CE1
CE2
OE
I/O OPERATION
Vcc CURRENT
XH
X
X
Not selected
(Power Down)
XX
L
X
High Z
ICCSB, ICCSB1
Output Disabled
H
L
H
H
High Z
ICC
Read
H
L
H
L
DOUT
ICC
Write
L
L
H
X
DIN
ICC
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT


Similar Part No. - BS62LV1603EI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1600 BSI-BS62LV1600 Datasheet
266Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600EC BSI-BS62LV1600EC Datasheet
266Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600EC55 BSI-BS62LV1600EC55 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
More results

Similar Description - BS62LV1603EI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1605 BSI-BS62LV1605 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600 Datasheet
266Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600_06 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS616LV1626 BSI-BS616LV1626 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
List of Unclassifed Man...
BS616LV1623 ETC-BS616LV1623 Datasheet
256Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
Brilliance Semiconducto...
BS616LV1622 BSI-BS616LV1622 Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1025 BSI-BS62LV1025 Datasheet
382Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com