Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-P402-F00XX Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HLMP-P402-F00XX
Description  Subminiature LED Lamps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-P402-F00XX Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HLMP-P402-F00XX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 10Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 11Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 12Page - Agilent(Hewlett-Packard) HLMP-P402-F00XX Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Yellow
Device
HLMP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
P302-F00xx
1.0
3.0
P305-F00xx
1.0
4.0
6400-F00xx
1.0
9.0
6400-JK000
4.0
12.5
IF = 10 mA
6405-J00xx
Luminous Intensity[1]
IV
3.6
20
mcd
6405-MN0xx
16
50
7019-D00xx
0.4
0.6
IF = 2 mA
6700-G00xx
1.4
5.0
VF = 5.0 Volts
6720-F00xx
0.9
2.0
All
Forward Voltage
VF
2.0
2.4
V
IF = 10 mA
(Nonresistor Lamps)
6700
Forward Current
IF
9.6
13.0
mA
VF = 5.0 V
6720
(Resistor Lamps)
3.5
5.0
All
Reverse Breakdown
VR
5.0
50.0
V
Voltage
P305
Included Angle Between
125
6405
Half Intensity Points[2]
2q1/2
28
Deg.
All Diffused
90
Peak Wavelength
lPEAK
583
nm
Measured at Peak
Dominant Wavelength[3]
ld
585
nm
Spectral Line Half Width
Dl1/2
36
nm
All
Speed of Response
ts
90
ns
Capacitance
C
15
pF
VF = 0; f = 1 MHz
Thermal Resistance
RqJ-PIN
170
°C/W
Junction-to-Cathode Lead
Luminous Efficacy[4]
hv
500
lm/W


Similar Part No. - HLMP-P402-F00XX

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-P402 BOARDCOM-HLMP-P402 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
More results

Similar Description - HLMP-P402-F00XX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q105-P0031 AVAGO-HLMP-Q105-P0031 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6400-F0011 AVAGO-HLMP-6400-F0011 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-7019 AVAGO-HLMP-7019 Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-PXXX BOARDCOM-HLMP-PXXX Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6820-F0010 AVAGO-HLMP-6820-F0010 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com