Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4M563233E-E Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K4M563233E-E
Description  2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M563233E-E Datasheet(HTML) 5 Page - Samsung semiconductor

  K4M563233E-E Datasheet HTML 1Page - Samsung semiconductor K4M563233E-E Datasheet HTML 2Page - Samsung semiconductor K4M563233E-E Datasheet HTML 3Page - Samsung semiconductor K4M563233E-E Datasheet HTML 4Page - Samsung semiconductor K4M563233E-E Datasheet HTML 5Page - Samsung semiconductor K4M563233E-E Datasheet HTML 6Page - Samsung semiconductor K4M563233E-E Datasheet HTML 7Page - Samsung semiconductor K4M563233E-E Datasheet HTML 8Page - Samsung semiconductor K4M563233E-E Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
K4M563233E - M(E)E/N/G/C/L/F
February 2004
Mobile-SDRAM
DC CHARACTERISTICS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = -25 to 85
°C for Extended, -25 to 70°C for Commercial)
NOTES:
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Internal TCSR can be supported.
In commercial Temp : Max 40
°C/Max 70°C, In extended Temp : Max 40°C/Max 85°C
4. K4M563233E-M(E)E/C**
5. K4M563233E-M(E)N/L**
6. K4M563233E-M(E)G/F**
7. Unless otherwise noted, input swing IeveI is CMOS(VIH /VIL=VDDQ/VSSQ).
Parameter
Symbol
Test Condition
Version
Unit
Note
-75/-80
-1H
-1L
Operating Current
(One Bank Active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
150
150
140
mA
1
Precharge Standby Current
in power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
1.2
mA
ICC2PS CKE & CLK
≤ VIL(max), tCC = ∞
1.2
Precharge Standby Current
in non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
20
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
10
Active Standby Current
in power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
8
mA
ICC3PS CKE & CLK
≤ VIL(max), tCC = ∞
8
Active Standby Current
in non power-down mode
(One Bank Active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
45
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
40
mA
Operating Current
(Burst Mode)
ICC4
IO = 0 mA
Page burst
4Banks Activated
tCCD = 2CLKs
190
160
160
mA
1
Refresh Current
ICC5
tRC
≥ tRC(min)
320
300
290
mA
2
Self Refresh Current
ICC6
CKE
≤ 0.2V
-E/C
2000
uA
4
-N/L
1100
5
-G/F
Internal TCSR
Max 40
Max 85/70
°C
3
4Banks
700
1100
uA
6
2Banks
600
900
1Bank
550
800


Similar Part No. - K4M563233E-E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M563233D SAMSUNG-K4M563233D Datasheet
65Kb / 8P
   8Mx32 Mobile SDRAM 90FBGA
K4M563233G SAMSUNG-K4M563233G Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233G-FHL/F60 SAMSUNG-K4M563233G-FHL/F60 Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233G-FHL/F75 SAMSUNG-K4M563233G-FHL/F75 Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233G-FHL/FL SAMSUNG-K4M563233G-FHL/FL Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results

Similar Description - K4M563233E-E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S56323LF SAMSUNG-K4S56323LF Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S563233F SAMSUNG-K4S563233F Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M56323LE SAMSUNG-K4M56323LE Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233G SAMSUNG-K4M563233G Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323PF SAMSUNG-K4S56323PF Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M56323PG-F SAMSUNG-K4M56323PG-F Datasheet
145Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M283233H SAMSUNG-K4M283233H Datasheet
151Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323PH-F SAMSUNG-K4M28323PH-F Datasheet
144Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S64323LH SAMSUNG-K4S64323LH Datasheet
141Kb / 12P
   512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M513233C SAMSUNG-K4M513233C Datasheet
142Kb / 12P
   4M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com