Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K3NR-NB1A Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # K3NR-NB1A
Description  High-speed, Intelligent Interface Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

K3NR-NB1A Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button K3NR-NB1A Datasheet HTML 6Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 7Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 8Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 9Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 10Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 11Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 12Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 13Page - List of Unclassifed Manufacturers K3NR-NB1A Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
K-138
Frequency/Rate Meter
K3NR
I BCD Output Timing Chart
A request signal from an external device (such as a Programmable Controller) is required to read BCD data.
Single Sampling Data Output
Approximately 30 ms after the REQ signal rises, a sample is taken and the DATA VALID signal is output. Read the data when the DATA VALID
signal is ON.
The DATA VALID signal will turn OFF in 40 ms, and then in 16 ms, the data will go OFF.
Models with a BCD output have an open collector output configuration so that wired-OR connection is possible.
Continuous Data Output
The K3NR outputs each measurement at an interval of 64 ms when a REQ signal is ON continuously.
If the HOLD signal is ON at the moment the DATA output is switched from Data 1 to Data 2 or vice versa, the output BCD data will be either Data
1 or Data 2 according to the timing of the HOLD signal. However, output data will never be below.
40 ms
16 ms
All data "high"
All data "high"
Data
Approx. 30 ms
DATA
REQ.
Max.
Min.
DATA
VALID
Pulse with a width of no less than 20 ms.
(no more than 50 ms.)
(1)
(2)
(3)
**
*
K3NR (1)
K3NR (2)
K3NR (3)
DATA
Programmable
controller
DATA (incl. POL and OVER)
and DATA VALID are wired-OR
processed.
The RUN, HH, H, PASS, L, and
LL signals are always output
regardless of the status of the
REQ signal. Do not OR-wire
these signals.
REQ.
(1)
REQ.
(1)
REQ.
(1)
DATA
VALID
*The period between the DATA VALID signal and the
REQ signal should be no less than 20 ms max.
40ms
40ms
64ms
64ms
24ms
24ms
All data "high"
DATA
Data 1
Data 2
REQ.
Max.
Min.
DATA
VALID
Approx.
30 ms


Similar Part No. - K3NR-NB1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K3NC OMRON-K3NC Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB1A OMRON-K3NC-NB1A Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB1C OMRON-K3NC-NB1C Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB2A OMRON-K3NC-NB2A Datasheet
685Kb / 23P
   Up/Down Counting Meter
K3NC-NB2C OMRON-K3NC-NB2C Datasheet
685Kb / 23P
   Up/Down Counting Meter
More results

Similar Description - K3NR-NB1A

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
M502M SYSTEMSENSOR-M502M Datasheet
394Kb / 2P
   Intelligent Modules
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM50B4L1C060 MITSUBISHI-PM50B4L1C060 Datasheet
327Kb / 10P
   INTELLIGENT POWER MODULES
logo
Crystalfontz America, I...
CFA632 CRYSTAIFONTZ-CFA632 Datasheet
5Mb / 54P
   INTELLIGENT LCD MODULES
logo
Mitsubishi Electric Sem...
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com