Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V375A12M300A Datasheet(PDF) 1 Page - Vicor Corporation

Part # V375A12M300A
Description  375Vin / 24Vout / 300Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375A12M300A Datasheet(HTML) 1 Page - Vicor Corporation

  V375A12M300A Datasheet HTML 1Page - Vicor Corporation V375A12M300A Datasheet HTML 2Page - Vicor Corporation V375A12M300A Datasheet HTML 3Page - Vicor Corporation V375A12M300A Datasheet HTML 4Page - Vicor Corporation V375A12M300A Datasheet HTML 5Page - Vicor Corporation V375A12M300A Datasheet HTML 6Page - Vicor Corporation V375A12M300A Datasheet HTML 7Page - Vicor Corporation V375A12M300A Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V375B24C300A DC-DC Converter
Rev. 5.2
Page 1 of 8
Set your site on VICOR at www.vicorpower.com
Shown actual size:
2.28 x 2.2 x 0.5 in
57,9 x 55,9 x 12,7 mm
45
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Baseplate to sink; flat, greased surface
0.16
°C/Watt
Baseplate to sink; thermal pad (P/N 20264)
0.14
°C/Watt
Baseplate to ambient
8.0
°C/Watt
Baseplate to ambient; 1000 LFM
1.9
°C/Watt
Thermal capacity
83
Watt-sec/°C
Thermal Resistance and Capacity
375Vin / 24Vout / 300Watts
DC-DC Converter Module
Model Number V375B24C300A*
Features
DC input range: 250 - 425V
Input surge withstand: 500V for 100ms
DC output: 24V
Programmable output: 10 to 110%
Regulation: ±0.3%
Efficiency: 87%
Maximum operating temperature:
100°C at full load
Power density: 120W/cubic inch
Height above board: 0.43 in. (10,9 mm)
Parallelable, with N+M fault tolerance
Low noise ZCS/ZVS architecture
Typical Applications: distributed power;
off-line systems using power PFC front-ends;
electric vehicles
Product Overview
This DC-DC converter module uses
2nd Generation power processing, control
and packaging technologies to provide the
performance, flexibility and cost effectiveness
expected of a mature power component.
For example, a plated-cavity core transformer
couples widely separated primary and
secondary windings, resulting in low in-to-
out parasitic capacitance and noise.
High frequency ZCS/ZVS switching,
advanced power semiconductor packaging
and thermal management provide high
power density with low temperature
gradients. Extensive use of silicon
integration results in 1/3 the part count
of a 1st Generation converter.
* Part Numbering
For pin styles see page 6. Slotted baseplate
(style 1) requires no designator. For
threaded baseplate add a “2” to the end of
the part number. For thru-hole, add a “3”.
See page 7 for dimensions.
See part numbering chart on this
page for other product grades.
Parameter
Rating
Unit
Notes
+In to –In voltage
-0.5 to +425.0
Vdc
+In to –In voltage
500
Vdc
<100ms
PC to –In voltage
-0.5 to +7.0
Vdc
PR to –In voltage
-0.5 to +7.0
Vdc
+Out to –Out voltage
-0.5 to +31.7
Vdc
+Sense to –Out voltage
-0.5 to +31.7
Vdc
–Sense to –Out voltage
1.0
Vdc
SC to –Out voltage
-0.5 to +1.5
Vdc
Isolation voltage (in to out)
3000
Vrms
Isolation voltage (in to base)
1550
Vrms
Isolation voltage (out to base)
500
Vrms
Storage temperature (C–Grade)
-40 to +125
°C
Operating temperature (C–Grade)
-20 to +100
°C
Baseplate
Pin soldering temperature
500 (260)
°F (°C)
<5 sec; wave solder
Pin soldering temperature
750 (390)
°F (°C)
<7 sec; hand solder
Mounting torque
5 (0.57)
in-lbs (N-m)
6 each, # 4-40 or M3
V 375 B 12 C 300 A
Input Voltage
24 = 24Vin
48 = 48Vin
300 = 300Vin
375 = 375Vin
A = Maxi
B = Mini
C = Micro
Output
Voltage
Product Grade Temperatures (°C)
Grade
Storage
Operating
C = - 40 to +125 - 20 to +100
T = - 40 to +125 - 40 to +100
H = - 55 to +125 - 40 to +100
M = - 65 to +125 - 55 to +100
Pin
Style
Base-
plate
Output
Power


Similar Part No. - V375A12M300A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375A12M300A VICOR-V375A12M300A Datasheet
184Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
V375A12M300A VICOR-V375A12M300A Datasheet
184Kb / 8P
   375Vin / 28Vout / 300Watts DC-DC Converter Module
More results

Similar Description - V375A12M300A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375B24C300B VICOR-V375B24C300B Datasheet
145Kb / 8P
   375Vin / 24Vout / 300Watts DC-DC Converter Module
V375B15C300B VICOR-V375B15C300B Datasheet
149Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
V375C24C150B VICOR-V375C24C150B Datasheet
142Kb / 8P
   375Vin / 24Vout / 150Watts DC-DC Converter Module
V375C24C150A VICOR-V375C24C150A Datasheet
175Kb / 8P
   375Vin / 24Vout / 150Watts DC-DC Converter Module
V375B12C300B VICOR-V375B12C300B Datasheet
145Kb / 8P
   375Vin / 12Vout / 300Watts DC-DC Converter Module
V375B48C300B VICOR-V375B48C300B Datasheet
145Kb / 8P
   375Vin / 48Vout / 300Watts DC-DC Converter Module
V375B28C300A VICOR-V375B28C300A Datasheet
184Kb / 8P
   375Vin / 28Vout / 300Watts DC-DC Converter Module
V375A24C600B VICOR-V375A24C600B Datasheet
150Kb / 8P
   375Vin / 24Vout / 600Watts DC-DC Converter Module
V375B28C300B VICOR-V375B28C300B Datasheet
145Kb / 8P
   375Vin / 28Vout / 300Watts DC-DC Converter Module
V375B15C300A VICOR-V375B15C300A Datasheet
184Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com