Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V375A12H300A Datasheet(PDF) 3 Page - Vicor Corporation

Part # V375A12H300A
Description  375Vin / 24Vout / 300Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375A12H300A Datasheet(HTML) 3 Page - Vicor Corporation

  V375A12H300A Datasheet HTML 1Page - Vicor Corporation V375A12H300A Datasheet HTML 2Page - Vicor Corporation V375A12H300A Datasheet HTML 3Page - Vicor Corporation V375A12H300A Datasheet HTML 4Page - Vicor Corporation V375A12H300A Datasheet HTML 5Page - Vicor Corporation V375A12H300A Datasheet HTML 6Page - Vicor Corporation V375A12H300A Datasheet HTML 7Page - Vicor Corporation V375A12H300A Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V375B24C300A DC-DC Converter
Rev. 5.2
Page 3 of 8
Set your site on VICOR at www.vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
PRIMARY SIDE
(PC = Primary Control; PR = Parallel)
PC bias voltage
5.50
5.75
6.10
Vdc
PC current = 1.0 mA
current limit
1.5
2.1
3.0
mA
PC voltage = 5.5V
PC module disable
2.3
2.6
2.9
Vdc
Must be able to sink
≥4 mA. See Fig. 1
PC module enable delay
4
7
ms
PC module alarm
0.5
Vavg
UV, OV, OT, module fault. See Figs. 2 and 4
PR emitter amplitude
5.7
5.9
6.1
Volts
PR load >30 ohms, < 30 pF
PR emitter current
150
mA
PR receiver impedance
375
500
625
ohms
25°C
PR receiver threshold
2.4
2.5
2.6
Volts
Minimum pulse width: 20ns
PR drive capability
12
modules
Without PR buffer amplifier
SECONDARY SIDE
(SC = Secondary Control)
SC bandgap voltage
1.21
1.23
1.25
Vdc
Referenced to –Sense
SC resistance
990
1000
1010
ohms
SC capacitance
0.033
µF
SC module alarm
0
Vdc
With open trim; referenced to –Sense. See Fig. 6
Parameter
Min
Typ
Max
Unit
Notes
Remote sense (total drop)
0.5
Vdc
0.25V per leg (senses must be closed)
Isolation voltage (in to out)
3000
Vrms
Complies with reinforced insulation requirements
Isolation voltage (in to base)
1550
Vrms
Complies with basic insulation requirements
Isolation voltage (out to base)
500
Vrms
Complies with operational insulation requirements
Isolation resistance (in to out)
10
megohms
Weight
3.7 (104)
4 (112)
ounces (grams)
Temperature limiting
100
115
°C
See Figs. 2 and 4
Agency approvals
UL, CSA, TÜV, BABT, CE, VDE
UL1950, CSA950, EN60950, VDE0805, BS7002,
IEC 60950. With a fuse in series with the +Input
MODULE CONTROL SPECIFICATIONS
MODULE GENERAL SPECIFICATIONS
ELECTRICAL CHARACTERISTICS, continued


Similar Part No. - V375A12H300A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375A12H300A VICOR-V375A12H300A Datasheet
184Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
V375A12H300A VICOR-V375A12H300A Datasheet
184Kb / 8P
   375Vin / 28Vout / 300Watts DC-DC Converter Module
More results

Similar Description - V375A12H300A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375B24C300B VICOR-V375B24C300B Datasheet
145Kb / 8P
   375Vin / 24Vout / 300Watts DC-DC Converter Module
V375B15C300B VICOR-V375B15C300B Datasheet
149Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
V375C24C150B VICOR-V375C24C150B Datasheet
142Kb / 8P
   375Vin / 24Vout / 150Watts DC-DC Converter Module
V375C24C150A VICOR-V375C24C150A Datasheet
175Kb / 8P
   375Vin / 24Vout / 150Watts DC-DC Converter Module
V375B12C300B VICOR-V375B12C300B Datasheet
145Kb / 8P
   375Vin / 12Vout / 300Watts DC-DC Converter Module
V375B48C300B VICOR-V375B48C300B Datasheet
145Kb / 8P
   375Vin / 48Vout / 300Watts DC-DC Converter Module
V375B28C300A VICOR-V375B28C300A Datasheet
184Kb / 8P
   375Vin / 28Vout / 300Watts DC-DC Converter Module
V375A24C600B VICOR-V375A24C600B Datasheet
150Kb / 8P
   375Vin / 24Vout / 600Watts DC-DC Converter Module
V375B28C300B VICOR-V375B28C300B Datasheet
145Kb / 8P
   375Vin / 28Vout / 300Watts DC-DC Converter Module
V375B15C300A VICOR-V375B15C300A Datasheet
184Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com