Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

858H8D60-6 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 858H8D60-6
Description  2 X 4 8-Pole Filters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

858H8D60-6 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 858H8D60-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers 858H8D60-6 Datasheet HTML 3Page - List of Unclassifed Manufacturers 858H8D60-6 Datasheet HTML 4Page - List of Unclassifed Manufacturers 858H8D60-6 Datasheet HTML 5Page - List of Unclassifed Manufacturers 858H8D60-6 Datasheet HTML 6Page - List of Unclassifed Manufacturers 858H8D60-6 Datasheet HTML 7Page - List of Unclassifed Manufacturers 858H8D60-6 Datasheet HTML 8Page - List of Unclassifed Manufacturers 858H8D60-6 Datasheet HTML 9Page - List of Unclassifed Manufacturers 858H8D60-6 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Specification
(25°C and Vs ± 15 Vdc)
858 Series
Pin-Out and Package Data
Ordering Information
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
IN-00858-00
20 k
W
(Cermet)
OS
+Vs
-Vs
Do not connect
if trim is not
required.
Analog Input Characteristics1
Impedance
10 k
W min.
Voltage Range
± 10 Vpeak
Max. Safe Voltage
±Vs
Analog Output Characteristics
Impedance (Closed Loop)
11
W typ.
10
W max.
Linear Operating Range
±10V
Maximum Current
2
±2 mA
Offset Voltage
3
22 mV typ.
20 mV max.
Offset Temp. Coeff.
50
mV/°C
Power Supply (
±Vs)
Rated Voltage
±15 Vdc
Operating Range
±12 to ±18 Vdc
Maximum Safe Voltage
±18 Vdc
Quiescent Current
8 Pole
±25 mA typ.
±40 mA max.
Temperature
Operating
-20 to +70°C
Storage
-25 to +85°C
Notes:
1. Input and output signal voltage referenced to supply common.
2. Output is short circuit protected to common.
DO NOT CONNECT TO ±Vs.
3. Adjustable to zero.
4. Units operate with or without offset pin connected.
DC Offset Adjustment
Filter Type
L - Low Pass
H - High Pass
Ordering Information
Model
Tuning
Minimum
Number
Range (Hz)
Step(Hz)
Case
1
0.1 to 25.6
0.1
M-2
2
1.0 to 256
1.0
M-2
3
10 to 2560
10
M-1
4
100 to 25.6k
100
M-1
5
200 to 51.2k
200
M-1
6
400 to 102.4k
400
M-1
Model Number
e.g.,
Side View
+Vs
OUT
-Vs
D
D
D
D
GND
D
D
D
D
C
P
IN
2.00
0.4
0.6
4.00
Bottom View
M-1
M-2
0.2 min
0.04 Dia.
Os
4
5
3
2
1
0
6
7
4
858L8B-3
Transfer Function
B - Butterworth
L - Bessel
D60 - constant delay (-60 dB)
D80 - constant delay (-80 dB)
D10 - constant delay (-100 dB)
E - elliptic 1.77 (-80 dB)
EX - elliptic 1.56 (-80 dB)
EY - elliptic 2.00 (-100 dB)
All dimensions are in inches
All Case Dimensions ± 0.01"
Grid Dimensions 0.1" x 0.1"
Filter Mounting Assembly-See FMA-03A
6
Pin-Out & Package Data


Similar Part No. - 858H8D60-6

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
858H8D60-6 FREQUENCYDEVICES-858H8D60-6 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
858H8D60-6 FREQUENCYDEVICES-858H8D60-6 Datasheet
524Kb / 19P
   8-Bit Programmable
More results

Similar Description - 858H8D60-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
818L8B ETC1-818L8B Datasheet
625Kb / 13P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858L8B-1 FREQUENCYDEVICES-858L8B-1 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
818L8B-1 FREQUENCYDEVICES-818L8B-1 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
logo
List of Unclassifed Man...
828L8B ETC1-828L8B Datasheet
605Kb / 19P
   2 X 2 8-Pole Filters
logo
Frequency Devices, Inc.
828L8B-2 FREQUENCYDEVICES-828L8B-2 Datasheet
569Kb / 19P
   2" x 2" 8-Pole Filters
R858 FREQUENCYDEVICES-R858 Datasheet
527Kb / 19P
   2" x 4" Range Switch 8-Pole Filters
logo
List of Unclassifed Man...
824L8B ETC1-824L8B Datasheet
523Kb / 13P
   2 X 2 4-Pole Filters
logo
Frequency Devices, Inc.
824L8B-2 FREQUENCYDEVICES-824L8B-2 Datasheet
524Kb / 13P
   2" x 2" 4-Pole Filters
854L8B-1 FREQUENCYDEVICES-854L8B-1 Datasheet
1Mb / 13P
   2" x 4" 4-Pole Filters
logo
List of Unclassifed Man...
854L8B ETC1-854L8B Datasheet
432Kb / 13P
   2 X 4 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com