Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPPAC20-01JI Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # ISPPAC20-01JI
Description  In-System Programmable Analog Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPPAC20-01JI Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button ISPPAC20-01JI Datasheet HTML 3Page - Lattice Semiconductor ISPPAC20-01JI Datasheet HTML 4Page - Lattice Semiconductor ISPPAC20-01JI Datasheet HTML 5Page - Lattice Semiconductor ISPPAC20-01JI Datasheet HTML 6Page - Lattice Semiconductor ISPPAC20-01JI Datasheet HTML 7Page - Lattice Semiconductor ISPPAC20-01JI Datasheet HTML 8Page - Lattice Semiconductor ISPPAC20-01JI Datasheet HTML 9Page - Lattice Semiconductor ISPPAC20-01JI Datasheet HTML 10Page - Lattice Semiconductor ISPPAC20-01JI Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Specifications ispPAC20
7
valid data
tcsw
tdacs
tdach
CS
DAC
D0-D7
Timing Specifications (SPI/Parallel Interface Modes), Continued
CS
TCK
TDI
TDO
LSB
MSB
don’t
care
don’t
care
DI0
Represents previous data in shift register
DI1
DI2
DI3
DI4
DI5
DI6
DI7
DO0
DO0
DO1
DO2
DO3
DO4
DO5
DO6
DO7
SS
MISO
MOSI
SCK
TCK
TDI
TDO
CS
+5V
ENSPI
ispPAC20
SPI
MASTER
DAC Parallel Input Timing Specifications
SPI Connection Diagram
SPI Data Transfer
Notes
1.
SPI data is loaded in TDI, LSB first. If TCK continues to clock after
CS goes high, data will continue to be shifted through the shift register,
even though the TDO pin is tristated after
CS goes high.
2.
DO0 –> DO7 represents “data out” from the SPI microprocessor or other digital source to the TDI input of the ispPAC20.
3.
DI0 –> DI7 represents “data in” from the ispPAC20 TDO pin to the SPI microprocessor input or other digital source.
4.
After the eighth clock, the LSB (DO0) is valid on TDO as long as CS is low.


Similar Part No. - ISPPAC20-01JI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01T48C LATTICE-ISPPAC-CLK5510V-01T48C Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01T48I LATTICE-ISPPAC-CLK5510V-01T48I Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01TN48C LATTICE-ISPPAC-CLK5510V-01TN48C Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01TN48I LATTICE-ISPPAC-CLK5510V-01TN48I Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
More results

Similar Description - ISPPAC20-01JI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC30 LATTICE-ISPPAC30 Datasheet
379Kb / 30P
   In-System Programmable Analog Circuit
PAC80 LATTICE-PAC80 Datasheet
342Kb / 19P
   In-System Programmable Analog Circuit
ISPPAC10 LATTICE-ISPPAC10 Datasheet
415Kb / 23P
   In-System Programmable Analog Circuit
ISPPAC81 LATTICE-ISPPAC81 Datasheet
176Kb / 20P
   In-System Programmable Analog Circuit
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Summit Microelectronics...
SMD1108 SUMMIT-SMD1108 Datasheet
717Kb / 29P
   8-Channel Auto-Monitor ADC In System Programmable Analog (ISPA) Device
logo
ATMEL Corporation
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
   Bytes In-System Programmable Flash
logo
Xilinx, Inc
XC18V00 XILINX-XC18V00_08 Datasheet
315Kb / 24P
   XC18V00 Series In-System-Programmable
XCF01S XILINX-XCF01S_07 Datasheet
751Kb / 46P
   Platform Flash In-System Programmable
logo
ATMEL Corporation
ATTINY4 ATMEL-ATTINY4_14 Datasheet
1Mb / 34P
   Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com