Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPPAC20 Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # ISPPAC20
Description  In-System Programmable Analog Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPPAC20 Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button ISPPAC20 Datasheet HTML 7Page - Lattice Semiconductor ISPPAC20 Datasheet HTML 8Page - Lattice Semiconductor ISPPAC20 Datasheet HTML 9Page - Lattice Semiconductor ISPPAC20 Datasheet HTML 10Page - Lattice Semiconductor ISPPAC20 Datasheet HTML 11Page - Lattice Semiconductor ISPPAC20 Datasheet HTML 12Page - Lattice Semiconductor ISPPAC20 Datasheet HTML 13Page - Lattice Semiconductor ISPPAC20 Datasheet HTML 14Page - Lattice Semiconductor ISPPAC20 Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Specifications ispPAC20
11
Theory of Operation
Introduction
The ispPAC20 includes two programmable analog mac-
rocells called PACblocks, each emulating a collection of
operational amplifiers, resistors and capacitors. Requir-
ing no external components, it flexibly implements basic
analog functions such as precision filtering, summing/
differencing, gain/attenuation and integration. Each
PACblock contains a summing amplifier, two differential
input instrument amplifiers, and an array of feedback
capacitors. The capacitors, combined with a fixed value
feedback element, provide more than 120 programmable
poles between 10kHz to 100kHz with an absolute accu-
racy of 5.0 percent. Variable gain input instrument
amplifiers make it possible to program any PACblock
gain in integer steps between
±1 and ±10. More complex
signal processing functions are performed by configuring
both PACblocks in combination with each other to achieve
a variety of circuit functions.
The ispPAC20 architecture is fully differential from input
to output. This effectively doubles dynamic range versus
single-ended I/O. It also affords improved performance
with regard to specifications such as input common mode
rejection (CMR) and total harmonic distortion (THD).
Differential peak-peak voltage is determined by knowing
the signal extremes on both differential input or output
pins. For example, if V(+) equals 4V and V(-) equals 1V,
the differential voltage is defined as V(+) - V(-) = Vdiff, or
4V - 1V = +3V. Since either polarity can exist on differen-
tial I/O pins, it is also possible for the opposite extreme to
exist and would mean when V(+) equals 1V and V(-)
equals 4V, the differential voltage is now 1V - 4V = -3V.
To calculate the differential peak-peak voltage or full
signal swing, the absolute difference between the two
extreme Vdiff’s is calculated. Using the previous ex-
amples would result in |(+3V) - (-3V)| = 6V. It can be
immediately seen that true differential signals result in a
doubling of usable dynamic range. For more explanation
of this and other differential circuit benefits, please refer
to application note AN6019.
Input polarity is programmable without affecting input
impedance or dynamic performance, since no internal
change is made other than routing to the input amplifier.
Single-ended operation is achieved by using either one
input and/or one output pin, as required, and adjusting
gain settings to achieve desired output levels.
The ispPAC20 operates on a single 5V supply and
includes an internal reference generating 2.5V. This
reference is made available externally through the volt-
age common-mode reference or VREFOUT pin. The
output common mode voltage is always referenced to
2.5V, regardless of the input common mode level. It is
possible, when desired, to use an externally supplied
voltage instead of VREFOUT, however. This optional
common-mode output voltage (VCM) must be provided
by the user via the CMVIN input pin. The only limitation is
this reference voltage must be between 1.25V and 3.25V.
When an external voltage is present, an ispPAC20 must
be programmed, on a per-PACblock basis, to use the
external reference instead of the internal 2.5V.
Configuring an ispPAC20 is accomplished using
PAC-Designer, a Windows-based design environment.
PAC-Designer includes an AC simulator for design veri-
fication prior to programming. The user can download the
design to the ispPAC20 at any time via the device’s IEEE
Standard 1149.1 (JTAG) compliant serial port directly
from the parallel port of a PC using an ispDOWNLOAD™
cable. Once downloaded, the circuit topology and com-
ponent values are stored in non-volatile digital E2CMOS
cells on the ispPAC20 without any need for external
programming voltages.
Architecture
In all ispPAC products, individual programmable circuit
functions called PACells™ are carefully combined to
form larger analog macrocells or PACblocks. The isp-
PAC20 has two such PACblocks that incorporate specially
configured PACells to perform amplification, summation,
integration and filtering. Each of the two filtering/summa-
tion or “FilSum” PACblocks within ispPAC20 is comprised
of three separate PACells, two input instrument amplifi-
ers and an output summing amplifier (see Figure 1). The
input amplifier PACells act as front-end gain stages for
the FilSum PACblock and allow multiple signals to be
summed together. The PACblock’s output amplifier is
similar to the familiar operational amplifier except that it
has true differential outputs. Also included with each
output amplifier is a filter capacitor array and switchable
DC feedback path element. These components in com-
bination enable the filtering and integrating functions of
the FilSum PACblock.


Similar Part No. - ISPPAC20

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01T48C LATTICE-ISPPAC-CLK5510V-01T48C Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01T48I LATTICE-ISPPAC-CLK5510V-01T48I Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01TN48C LATTICE-ISPPAC-CLK5510V-01TN48C Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V-01TN48I LATTICE-ISPPAC-CLK5510V-01TN48I Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
More results

Similar Description - ISPPAC20

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC30 LATTICE-ISPPAC30 Datasheet
379Kb / 30P
   In-System Programmable Analog Circuit
PAC80 LATTICE-PAC80 Datasheet
342Kb / 19P
   In-System Programmable Analog Circuit
ISPPAC10 LATTICE-ISPPAC10 Datasheet
415Kb / 23P
   In-System Programmable Analog Circuit
ISPPAC81 LATTICE-ISPPAC81 Datasheet
176Kb / 20P
   In-System Programmable Analog Circuit
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Summit Microelectronics...
SMD1108 SUMMIT-SMD1108 Datasheet
717Kb / 29P
   8-Channel Auto-Monitor ADC In System Programmable Analog (ISPA) Device
logo
ATMEL Corporation
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
   Bytes In-System Programmable Flash
logo
Xilinx, Inc
XC18V00 XILINX-XC18V00_08 Datasheet
315Kb / 24P
   XC18V00 Series In-System-Programmable
XCF01S XILINX-XCF01S_07 Datasheet
751Kb / 46P
   Platform Flash In-System Programmable
logo
ATMEL Corporation
ATTINY4 ATMEL-ATTINY4_14 Datasheet
1Mb / 34P
   Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com