Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W27L520W-90 Datasheet(PDF) 2 Page - Winbond

Part # W27L520W-90
Description  64K X 8 ELECTRICALLY ERASABLE EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27L520W-90 Datasheet(HTML) 2 Page - Winbond

  W27L520W-90 Datasheet HTML 1Page - Winbond W27L520W-90 Datasheet HTML 2Page - Winbond W27L520W-90 Datasheet HTML 3Page - Winbond W27L520W-90 Datasheet HTML 4Page - Winbond W27L520W-90 Datasheet HTML 5Page - Winbond W27L520W-90 Datasheet HTML 6Page - Winbond W27L520W-90 Datasheet HTML 7Page - Winbond W27L520W-90 Datasheet HTML 8Page - Winbond W27L520W-90 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Preliminary W27L520
- 2 -
FUNCTIONAL DESCRIPTION
Read Mode
Unlike conventional UVEPROMs, which has CE and OE two control functions, the W27L520 has one
OE /VPP and one ALE (address_latch_enable) control functions. The ALE makes lower address A[7:0]
to be latched in the chip when it goes from high to low, so that the same bus can be used to output
data during read mode. i.e. lower address A[7:0] and data bus DQ[7:0] are multiplexed. OE /VPP
controls the output buffer to gate data to the output pins. When addresses are stable, the address
access time (TACC) is equal to the delay from ALE to output (TCE), and data are available at the
outputs TOE after the falling edge of OE /VPP, if TACC and TCE timings are met.
Erase Mode
The erase operation is the only way to change data from "0" to "1." Unlike conventional UVEPROMs,
which use ultraviolet light to erase the contents of the entire chip (a procedure that requires up to half
an hour), the W27L520 uses electrical erasure. Generally, the chip can be erased within 100 mS by
using an EPROM writer with a special erase algorithm.
There are two ways to enter Erase mode. One is to raise OE /VPP to VPE (13V), VDD = VDE (6.5V), A9
= VHH (13V), A10 = high A8&A11 = low, and all other address pins include AD[7:0] keep at fixed low
or high. Pulsing ALE high starts the erase operation. The other way is somewhat like flash, by
programming two consecutive commands into the device and then enter Erase mode. The two
commands are loading Data = AA(hex) to Addr. = 5555(hex) and Data = 10(hex) to Addr. =
2AAA(hex). Be careful to note that the ALE pulse widths of these two commands are different: One is
50uS, while the other is 100mS. Please refer to the Smart Erase Algorithm 1 & 2.
Erase Verify Mode
The device will enter the Erase Verify Mode automatically after Erase Mode. Only power down the
device can force the device enter Normal Read Mode again.
Program Mode
Programming is the only way to change cell data from "1" to "0." The program mode is entered when
OE /VPP is raised to VPP (13V), VDD = VDP (6.5V), the address pins equal the desired addresses, and
the input pins equal the desired inputs. Pulsing ALE high starts the programming operation.
Program Verify Mode
The device will enter the Program Verify Mode automatically after Program Mode. Only power down
the device can force the device enter Normal Read Mode again.
Erase/Program Inhibit
Erase or program inhibit mode allows parallel erasing or programming of multiple chips with different
data. When ALE low, erasing or programming of non-target chips is inhibited, so that except for the
ALE and OE /VPP pins, the W27L520 may have common inputs.
Standby Mode
The standby mode significantly reduces VDD current. This mode is entered when ALE and OE /VPP
keep high. In standby mode, all outputs are in a high impedance state.
System Considerations


Similar Part No. - W27L520W-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W27L01 WINBOND-W27L01 Datasheet
244Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27L010 WINBOND-W27L010 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010-12 WINBOND-W27L010-12 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010-90 WINBOND-W27L010-90 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010P-12 WINBOND-W27L010P-12 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27L520W-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com