Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM518222-30GS-K Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM518222-30GS-K
Description  262,214-Word x 8-Bit Field Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM518222-30GS-K Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM518222-30GS-K Datasheet HTML 2Page - OKI electronic componets MSM518222-30GS-K Datasheet HTML 3Page - OKI electronic componets MSM518222-30GS-K Datasheet HTML 4Page - OKI electronic componets MSM518222-30GS-K Datasheet HTML 5Page - OKI electronic componets MSM518222-30GS-K Datasheet HTML 6Page - OKI electronic componets MSM518222-30GS-K Datasheet HTML 7Page - OKI electronic componets MSM518222-30GS-K Datasheet HTML 8Page - OKI electronic componets MSM518222-30GS-K Datasheet HTML 9Page - OKI electronic componets MSM518222-30GS-K Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/16
¡ Semiconductor
MSM518222
Read Operation
The read operation is controlled by three clocks, SRCK, RSTR, and RE. Read operation is
accomplished by cycling SRCK, and holding RE high after the read address pointer reset operation
or RSTR.
Each read operation, which begins after RSTR, must contain at least 80 active read cycles, i.e.
SRCK cycles while RE is high.
Read Reset : RSTR
The first positive transition of SRCK after RSTR becomes high resets the read address counters to
zero. RSTR setup and hold times are referenced to the rising edge of SRCK. Because the read reset
function is solely controlled by the SRCK rising edge after the high level of RSTR, the states of RE and
OE are ignored in the read reset cycle.
Before RSTR may be brought high again for a further reset operation, it must be low for at least *two
SRCK cycles.
Data Out : DOUT0 - 7
Read Clock : SRCK
Data is shifted out of the data registers. It is triggered by the rising edge of SRCK when RE is high
during a read operation. The SRCK input increments the internal read address pointer when RE is
high.
The three-state output buffer provides direct TTL compatibility (no pullup resistor required). Data
out is the same polarity as data in. The output becomes valid after the access time interval tAC that
begins with the rising edge of SRCK. *There are no output valid time restrictions on MSM518222.
Read Enable : RE
The function of RE is to gate the SRCK clock for incrementing the read pointer. When RE is high
before the rising edge of SRCK, the read pointer is incremented. When RE is low, the read pointer
is not incremented. RE setup times (tRENS and tRDSS) and RE hold times (tRENH and tRDSH) are
referenced to the rising edge of the SRCK clock.
Output Enable : OE
OE is used to enable/disable the outputs. OE high level enables the outputs. The internal read
address pointer is always incremented by cycling SRCK regardless of the OE level. Note that OE
setup and hold times are referenced to the rising edge of SRCK.


Similar Part No. - MSM518222-30GS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518222A-25JS OKI-MSM518222A-25JS Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518222A-25ZS OKI-MSM518222A-25ZS Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518222A-30GS-K OKI-MSM518222A-30GS-K Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518222A-30JS OKI-MSM518222A-30JS Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
More results

Similar Description - MSM518222-30GS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
logo
Mitsubishi Electric Sem...
M66287FP MITSUBISHI-M66287FP Datasheet
196Kb / 21P
   262144-word x 8-bit x 3-FIELD MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com