Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA8617 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # VCA8617
Description  8-Channel VARIABLE GAIN AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VCA8617 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  VCA8617 Datasheet HTML 1Page - Burr-Brown (TI) VCA8617 Datasheet HTML 2Page - Burr-Brown (TI) VCA8617 Datasheet HTML 3Page - Burr-Brown (TI) VCA8617 Datasheet HTML 4Page - Burr-Brown (TI) VCA8617 Datasheet HTML 5Page - Burr-Brown (TI) VCA8617 Datasheet HTML 6Page - Burr-Brown (TI) VCA8617 Datasheet HTML 7Page - Burr-Brown (TI) VCA8617 Datasheet HTML 8Page - Burr-Brown (TI) VCA8617 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
VCA8617
SBOS308B − AUGUST 2004 − REVISED NOVEMBER 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS: AVDD = 3V
At TA = +25°C, load resistance = 1kΩ on each output to ground, unless otherwise noted. The input to the preamp (LNA) is single-ended;
pre-amp gain is fixed at +20dB, fIN= 2MHz, PG = 01, ATN = 00, and the output from the VCA is differential, unless otherwise noted.
VCA8617
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PREAMPLIFIER
Input Resistance
4.5
k
Input Capacitance
52
pF
Input Bias Current
1
nA
Maximum Input Voltage(1)
200
mVPP
Input Voltage Noise (TGC)
fIN = 5MHz
1.05
nV/
√Hz
Input Voltage Noise (CW)
fIN = 5MHz
1.15
nV/
√Hz
Output Swing (Differential)
2
V
Bandwidth
100
MHz
Gain
20
dB
ACCURACY
Gain Slope
0.2V − 1.7V, VCACNTRL
18
dB/V
Gain Error
0.2V − 1.7V, VCACNTRL
1.7
dB
Output Offset Voltage
Differential
0.65
mV
GAIN CONTROL INTERFACE
Input Voltage (VCACNTRL) Range
0 to 20
V
Input Resistance
1
M
Response Time
40dB Gain Change, PG = 11
0.2
µs
POWER SUPPLY
Specified Operating Range
2.85
3.0
3.15
V
Power-Down Delay
5
µs
Power-Up Delay
100
µs
Power Dissipation (TGC Mode)
Operating All Channels
825
950
mW
PROGRAMMABLE VGA AND LOW-PASS FILTER
−3dB Cutoff (low-pass)
14.5
MHz
−3dB Cutoff (high-pass)
400
kHz
Slew Rate
300
V/
µs
Output Impedance
10
Crosstalk
49
dB
Output Common-Mode
1.5
V
Output Swing (Differential)(2)
2
VPP
3rd-Harmonic Distortion
−65
−50
dB
2nd-Harmonic Distortion
−60
−50
dB
Group Delay Variation
±3
ns
CONTINUOUS WAVE PROCESSOR
V/I Converter Transconductance
17
20
23
mA/V
Common-Mode
1.4
V
Max Output Swing
3.4
mAPP
LOGIC INPUTS
VIN LOW (input low voltage)
0
0.6
V
VIN HIGH (input high voltage)
2.1
VDD
V
Input Current
±1
µA
Input Pin Capacitance
5
pF
Clock Input Frequency
10k
25M
Hz
(1) Under conditions when input signal is within linear range of LNA.
(2) Under conditions when signal is within linear range of output amplifier.


Similar Part No. - VCA8617

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA8617 TI1-VCA8617 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8617PAGR TI1-VCA8617PAGR Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8617PAGT TI1-VCA8617PAGT Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8617PAGTG4 TI1-VCA8617PAGTG4 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8617 TI1-VCA8617_14 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
More results

Similar Description - VCA8617

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA8617 TI1-VCA8617_14 Datasheet
723Kb / 35P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
VCA8613 TI-VCA8613 Datasheet
378Kb / 21P
[Old version datasheet]   8-Channel VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
   Variable Gain Amplifier
logo
Analog Devices
AD8330 AD-AD8330_16 Datasheet
1Mb / 32P
   Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com