Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

780018Y Datasheet(PDF) 10 Page - NEC

Part # 780018Y
Description  Common to 78K/0 Series
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

780018Y Datasheet(HTML) 10 Page - NEC

Back Button 780018Y Datasheet HTML 6Page - NEC 780018Y Datasheet HTML 7Page - NEC 780018Y Datasheet HTML 8Page - NEC 780018Y Datasheet HTML 9Page - NEC 780018Y Datasheet HTML 10Page - NEC 780018Y Datasheet HTML 11Page - NEC 780018Y Datasheet HTML 12Page - NEC 780018Y Datasheet HTML 13Page - NEC 780018Y Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 129 page
background image
10
User's Manual U12326EJ4V0UM
CHAPTER 5 EXPLANATION OF INSTRUCTIONS ................................................................................. 46
5.1
8-Bit Data Transfer Instructions ...................................................................................... 48
5.2
16-Bit Data Transfer Instructions .................................................................................... 51
5.3
8-Bit Operation Instructions ............................................................................................ 54
5.4
16-Bit Operation Instructions .......................................................................................... 63
5.5
Multiply/Divide Instructions ............................................................................................ 67
5.6
Increment/Decrement Instructions ................................................................................. 70
5.7
Rotate Instructions ........................................................................................................... 75
5.8
BCD Adjust Instructions .................................................................................................. 82
5.9
Bit Manipulation Instructions .......................................................................................... 85
5.10 Call Return Instructions ................................................................................................... 93
5.11 Stack Manipulation Instructions ................................................................................... 101
5.12 Unconditional Branch Instruction ................................................................................ 105
5.13 Conditional Branch Instructions ................................................................................... 107
5.14 CPU Control Instructions .............................................................................................. 116
APPENDIX A REVISION HISTORY ..................................................................................................... 123
APPENDIX B INSTRUCTION INDEX (MNEMONIC: BY FUNCTION) ............................................. 124
APPENDIX C INSTRUCTION INDEX (MNEMONIC: IN ALPHABETICAL ORDER) ...................... 126


Similar Part No. - 780018Y

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
78001-1200 MOLEX9-78001-1200 Datasheet
412Kb / 6P
   0.60mm (.024") Pitch miniDIMM Socket, Surface Mount, Reverse Right Angle, with Off- White Latches, 1.8V Voltage Key, 200 Circuits
78001-1244 MOLEX9-78001-1244 Datasheet
412Kb / 6P
   0.60mm (.024") Pitch miniDIMM Socket, Surface Mount, Reverse Right Angle, with Off-White Latches
78001-1344 MOLEX9-78001-1344 Datasheet
414Kb / 6P
   0.60mm (.024) Pitch miniDIMM DDR3 Socket, Surface Mount, Reverse Right Angle, with Off-White Latches, 1.5V Voltage Key, 244 Circuits, Type A Tray Packaging
78001-2200 MOLEX9-78001-2200 Datasheet
412Kb / 6P
   0.60mm (.024") Pitch miniDIMM Socket, Surface Mount, Reverse Right Angle, with Off-White Latches, 2.5V Voltage Key, 200 Circuits, Lead-free
78001-3344 MOLEX9-78001-3344 Datasheet
414Kb / 6P
   0.60mm (.024") Pitch miniDIMM DDR3 Socket, Surface Mount, Reverse Right Angle, with Off-White Latches
More results

Similar Description - 780018Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22N-PS112 OMRON-A22N-PS112 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS175 OMRON-A22N-PS175 Datasheet
809Kb / 19P
   Specifications Common to All
A22N-PS188 OMRON-A22N-PS188 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS116 OMRON-A22N-PS116 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS183 OMRON-A22N-PS183 Datasheet
796Kb / 19P
   Specifications Common to All
logo
Schneider Electric
TM5SPDG12F SCHNEIDER-TM5SPDG12F Datasheet
291Kb / 6P
   Common distribution module, Modicon TM5, 12 x 0 V DC
Apr 6, 2022
logo
List of Unclassifed Man...
ASDX ETC-ASDX Datasheet
104Kb / 4P
   0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
logo
Honeywell Solid State E...
1800-07D-L4N-B HONEYWELL-1800-07D-L4N-B Datasheet
346Kb / 4P
   TO-8, 0 psi to 3 psi, 0 psi to 150 psi Silicon Pressure Sensors
logo
MicroPower Direct, LLC
MDCFM-03AW MPD-MDCFM-03AW Datasheet
532Kb / 2P
   0 to 80 VDC Input
MDCFM-02A MPD-MDCFM-02A Datasheet
502Kb / 2P
   0 to 80 VDC Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com