Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1351-S6 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT1351-S6
Description  2-CHANNEL SWITCHING REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1351-S6 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT1351-S6 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1351-S6 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 9 of 16
V1.0
AAT1351
TIMGING CHART
Note:
SCP
2
r
SCP
SCP
I
V
C
t
0.7V
2.53V
LOCKOUT
FREE
2.05V
1.45V
tSCP
1.18V
OE
DTC
PWM OUTPUT
OUTPUT
SCP
SCP COMP
VDD


Similar Part No. - AAT1351-S6

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1351 AAT-AAT1351 Datasheet
202Kb / 16P
   2-CHANNEL SWITCHING REGULATOR
More results

Similar Description - AAT1351-S6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT1341 ETC-AAT1341 Datasheet
186Kb / 16P
   2-CHANNEL SWITCHING REGULATOR
logo
Advanced Analog Technol...
AAT1343 AAT-AAT1343 Datasheet
195Kb / 14P
   2-CHANNEL SWITCHING REGULATOR
AAT1341 AAT-AAT1341 Datasheet
186Kb / 16P
   2-CHANNEL SWITCHING REGULATOR
AAT1351 AAT-AAT1351 Datasheet
202Kb / 16P
   2-CHANNEL SWITCHING REGULATOR
AAT1104 AAT-AAT1104 Datasheet
360Kb / 11P
   2-CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Ceramate Technical
CP9743 CERAMATE-CP9743 Datasheet
131Kb / 5P
   2-Channel Switching Regulator Controller
logo
Rohm
BA9743AFV ROHM-BA9743AFV Datasheet
107Kb / 5P
   2-channel switching regulator controller
BD9853FV ROHM-BD9853FV Datasheet
370Kb / 6P
   2 Channel Switching Regulator Controller
BA9744FV ROHM-BA9744FV Datasheet
107Kb / 5P
   2-channel switching regulator controller
logo
ON Semiconductor
LV5744V ONSEMI-LV5744V Datasheet
81Kb / 6P
   2-channel Step-down Switching Regulator
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com