Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0033 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 0033
Description  FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

0033 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  0033 Datasheet HTML 1Page - List of Unclassifed Manufacturers 0033 Datasheet HTML 2Page - List of Unclassifed Manufacturers 0033 Datasheet HTML 3Page - List of Unclassifed Manufacturers 0033 Datasheet HTML 4Page - List of Unclassifed Manufacturers 0033 Datasheet HTML 5Page - List of Unclassifed Manufacturers 0033 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
Industry Wide LH0033/EL2005 Replacement
Low Input Offset - 2mV
Low Input Offset Drift - 25µV/°C
FET Input, Low Input Current - 50pA
High Slew Rate - 1500V/µS
Wide Bandwidth - 140MHz
High Output Current - ±100mA
Available to DSCC SMD 5962-80014
DESCRIPTION:
FET INPUT HIGH SPEED VOLTAGE
FOLLOWER/BUFFER AMPLIFIER
Sample And Hold
Impedance Buffers For A to D's
High Speed Line Drivers
CRT Deflection Driver
1
2
3
4
5
6
Positive Driver Power
Supply
N/C
N/C
N/C
Input
Offset Preset
Offset Adjust
N/C
Negative Driver Power Supply
Negative Power Supply
Output
Positive Power Supply
7
8
9
10
11
12
0033
PIN-OUT INFORMATION
TYPICAL APPLICATIONS
ISO 9001 CERTIFIED BY DSCC
1
Rev. B
7/00
MIL-PRF-38534 CERTIFIED
EQUIVALENT SCHEMATIC
The MSK 0033(B) is a high speed, wide bandwidth voltage follower/buffer amplifier that is pin compatible with all
other 0033 designs. The FET input is cascaded to force the input characteristics to remain constant over the full input
voltage range. Significantly improved performance in sample and hold circuits is achieved since the DC bias current
remains constant with input voltage. The FET input also makes the MSK 0033 very accurate since it produces
extremely low input bias current, input offset voltage and input offset voltage drift specifications. Transistion times in
the range of 2.5 nS make the MSK 0033 fast enough for most high speed voltage follower/buffer amplifier applica-
tions.


Similar Part No. - 0033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0033-F ETC2-0033-F Datasheet
68Kb / 1P
   BALL KNOB
logo
Schurter Inc.
0033.1101 SCHURTER-0033.1101 Datasheet
171Kb / 3P
   VOLTAGE SELECTOR SWITCHES / SPANNUNGSWAHLER
0033.1101-ND SCHURTER-0033.1101-ND Datasheet
171Kb / 3P
   VOLTAGE SELECTOR SWITCHES / SPANNUNGSWAHLER
0033.1104 SCHURTER-0033.1104 Datasheet
171Kb / 3P
   VOLTAGE SELECTOR SWITCHES / SPANNUNGSWAHLER
0033.1104-ND SCHURTER-0033.1104-ND Datasheet
171Kb / 3P
   VOLTAGE SELECTOR SWITCHES / SPANNUNGSWAHLER
More results

Similar Description - 0033

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK0033 ANAREN-MSK0033 Datasheet
183Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0033 MSK-MSK0033 Datasheet
587Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
Burr-Brown (TI)
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LH4004 NSC-LH4004 Datasheet
233Kb / 6P
   WIDEBAND FET - INPUT BUFFER / AMPLIFIER
LM110 NSC-LM110 Datasheet
348Kb / 16P
   Voltage Follower
logo
Texas Instruments
OPA445BM TI-OPA445BM Datasheet
897Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
OPA445SM TI-OPA445SM Datasheet
885Kb / 25P
[Old version datasheet]   High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA445 BURR-BROWN-OPA445 Datasheet
131Kb / 11P
   High Voltage FET-Input OPERATIONAL AMPLIFIER
logo
NTE Electronics
NTE924 NTE-NTE924 Datasheet
24Kb / 3P
   Integrated Circuit Voltage Follower, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com