Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2625CGN-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2625CGN-1
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2625CGN-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC2625CGN-1 Datasheet HTML 1Page - Linear Technology LTC2625CGN-1 Datasheet HTML 2Page - Linear Technology LTC2625CGN-1 Datasheet HTML 3Page - Linear Technology LTC2625CGN-1 Datasheet HTML 4Page - Linear Technology LTC2625CGN-1 Datasheet HTML 5Page - Linear Technology LTC2625CGN-1 Datasheet HTML 6Page - Linear Technology LTC2625CGN-1 Datasheet HTML 7Page - Linear Technology LTC2625CGN-1 Datasheet HTML 8Page - Linear Technology LTC2625CGN-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC2605/LTC2615/LTC2625
2605f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), VOUT unloaded,
unless otherwise noted. (Note 9)
ELECTRICAL C
C
HARA TERISTICS
PSR
Power Supply Rejection
VCC ±10%
–80
dB
ROUT
DC Output Impedance
VREF = VCC = 5V, Midscale; –15mA ≤ IOUT ≤ 15mA
0.02
0.15
VREF = VCC = 2.7V, Midscale; –7.5mA ≤ IOUT ≤ 7.5mA
0.03
0.15
DC Crosstalk (Note 10)
Due to Full Scale Output Change (Note 11)
±10
µV
Due to Load Current Change
±3.5
µV/mA
Due to Powering Down (per Channel)
±7
µV
ISC
Short-Circuit Output Current
VCC = 5.5V, VREF = 5.5V
Code: Zero Scale; Forcing Output to VCC
15
34
60
mA
Code: Full Scale; Forcing Output to GND
15
34
60
mA
VCC = 2.7V, VREF = 2.7V
Code: Zero Scale; Forcing Output to VCC
7.5
20
50
mA
Code: Full Scale; Forcing Output to GND
7.5
27
50
mA
Reference Input
Input Voltage Range
0VCC
V
Resistance
Normal Mode
11
16
20
k
Capacitance
90
pF
IREF
Reference Current, Power Down Mode
DAC Powered Down
0.001
1
µA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
2.7
5.5
V
ICC
Supply Current
VCC = 5V (Note 3)
2.50
4.0
mA
VCC = 3V (Note 3)
2.00
3.2
mA
DAC Powered Down (Note 3) VCC = 5V
0.38
1.0
µA
DAC Powered Down (Note 3) VCC = 3V
0.16
1.0
µA
Digital I/O (Note 9)
VIL
Low Level Input Voltage
0.3VCC
V
(SDA and SCL)
VIH
High Level Input Voltage
0.7VCC
V
(SDA and SCL)
VIL(CA)
Low Level Input Voltage (CA0 to CA2)
See Test Circuit 1
0.15VCC
V
VIH(CA)
High Level Input Voltage (CA0 to CA2)
See Test Circuit 1
0.85VCC
V
RINH
Resistance from CAn (n = 0,1,2)
See Test Circuit 2
10
k
to VCC to Set CAn = VCC
RINL
Resistance from CAn (n = 0,1,2)
See Test Circuit 2
10
k
to GND to Set CAn = GND
RINF
Resistance from CAn (n = 0,1,2)
See Test Circuit 2
2M
to VCC or GND to Set CAn = FLOAT
VOL
Low Level Output Voltage
Sink Current = 3mA
0
0.4
V
tOF
Output Fall Time
VO = VIH(MIN) to VO = VIL(MAX),
20 + 0.1CB
250
ns
CB = 10pF to 400pF (Note 7)
tSP
Pulse Width of Spikes Surpassed
050
ns
by Input Filter
IIN
Input Leakage
0.1VCC ≤ VIN ≤ 0.9VCC
1
µA
CIN
I/O Pin Capacitance
(Note 12)
10
pF
CB
Capacitance Load for Each Bus Line
400
pF
CCAn
External Capacitive Load on
10
pF
Address Pins CA0, CA1 and CA2


Similar Part No. - LTC2625CGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2625CGN-1PBF LINER-LTC2625CGN-1PBF Datasheet
275Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2625CGN-1TRPBF LINER-LTC2625CGN-1TRPBF Datasheet
275Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
More results

Similar Description - LTC2625CGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2625 LINER-LTC2625_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600 Datasheet
434Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2610 LINER-LTC2610_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2620 LINER-LTC2620_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_1 Datasheet
343Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_09 Datasheet
275Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2604 LINER-LTC2604 Datasheet
389Kb / 16P
   Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com