Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6300AESO8A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A6300AESO8A
Description  High Efficiency Linear Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

A6300AESO8A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A6300AESO8A Datasheet HTML 1Page - List of Unclassifed Manufacturers A6300AESO8A Datasheet HTML 2Page - List of Unclassifed Manufacturers A6300AESO8A Datasheet HTML 3Page - List of Unclassifed Manufacturers A6300AESO8A Datasheet HTML 4Page - List of Unclassifed Manufacturers A6300AESO8A Datasheet HTML 5Page - List of Unclassifed Manufacturers A6300AESO8A Datasheet HTML 6Page - List of Unclassifed Manufacturers A6300AESO8A Datasheet HTML 7Page - List of Unclassifed Manufacturers A6300AESO8A Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
A6300
Timing Characteristics
V OUTPUT = 5.0 V, CL = 10 µF + 100 nF, CINPUT = 22 µF, TJ = -40 to + 85 °C, unless otherwise specified
Parameter
Symbol Test Conditions
Min.
Typ.
Max.
Units
Power-on Reset time
t
POR
25
50
75
ms
Sensitivity 1)
t
SEN
V
OUTPUT = 5 V to 3 V in 5 µs20
0.8*t
R
µs
Propagation time 1)
t
R
V
OUTPUT = 5 V to 3 V in 5 µs
22
75
200
µs
1) Tested on version with V
TH higher than 3 V
Table 4
Timing Waveforms
Voltage Monitoring
Block Diagram
V
OUTPUT
V
TH
1 V
Logic”1”
Logic”0”
Logic”1”
Logic”0”
t
POR
t
POR
t
R
tSEN
t
RES
t
RES
t
Fig.3
Voltage
Regulator
Voltage
Reference
Voltage
Reference
INPUT
V
IN
OUTPUT
Reset
Logic
Timer
V
SS
Fig. 4
RES
or
RES
Oscillator


Similar Part No. - A6300AESO8A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6300AE3R-XXA AITSEMI-A6300AE3R-XXA Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
A6300AE3VR-XXA AITSEMI-A6300AE3VR-XXA Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
A6300AE5R-XXA AITSEMI-A6300AE5R-XXA Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
A6300AE5VR-XXA AITSEMI-A6300AE5VR-XXA Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
More results

Similar Description - A6300AESO8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6155 ETC1-A6155 Datasheet
462Kb / 15P
   High Efficiency Linear Power Supply
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
A6130 ETC1-A6130 Datasheet
500Kb / 14P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
CUI INC
EPA060200-S-T-SZ CUI-EPA060200-S-T-SZ Datasheet
723Kb / 7P
   linear power supply
EPA090050-S-T-SZ CUI-EPA090050-S-T-SZ Datasheet
755Kb / 7P
   linear power supply
EPA120100-S-T-SZ CUI-EPA120100-S-T-SZ Datasheet
750Kb / 7P
   linear power supply
EPA240050-P5R-SZ CUI-EPA240050-P5R-SZ Datasheet
265Kb / 7P
   linear power supply
EPA090100-S-T-SZ CUI-EPA090100-S-T-SZ Datasheet
749Kb / 7P
   linear power supply
EPA240050-S CUI-EPA240050-S Datasheet
742Kb / 7P
   linear power supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com