Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77V400S156DS1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IDT77V400S156DS1
Description  SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IDT77V400S156DS1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IDT77V400S156DS1 Datasheet HTML 3Page - List of Unclassifed Manufacturers IDT77V400S156DS1 Datasheet HTML 4Page - List of Unclassifed Manufacturers IDT77V400S156DS1 Datasheet HTML 5Page - List of Unclassifed Manufacturers IDT77V400S156DS1 Datasheet HTML 6Page - List of Unclassifed Manufacturers IDT77V400S156DS1 Datasheet HTML 7Page - List of Unclassifed Manufacturers IDT77V400S156DS1 Datasheet HTML 8Page - List of Unclassifed Manufacturers IDT77V400S156DS1 Datasheet HTML 9Page - List of Unclassifed Manufacturers IDT77V400S156DS1 Datasheet HTML 10Page - List of Unclassifed Manufacturers IDT77V400S156DS1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7 of 26
March 31, 2001
IDT77V400
Pin Description - BGA Package
Pin Description - BGA Package
Pin Description - BGA Package
Pin Description - BGA Package
94
CTLEN
I
Control Enable: When asserted LOW, with OE LOW and the CTLEN bit set LOW in the configuration register, this pin
asynchronously enables all Control interface outputs. If CTLEN is HIGH all control interface outputs will be High-Z.
206
ABYTE
I
Add Byte to Input cell: Asynchronous DC signal. If an input port is in a 4-bit or 8-bit DPI mode and ABYTE is asserted
HIGH, a dummy byte will be inserted in the ninth byte position (after the HEC byte) to support systems requiring a byte
between the last header byte and the payload (otherwise ignored). Not intended for dynamic cycling or operation.
207
SBYTE
I
Subtract Byte to Output cell: Asynchronous DC signal. When and SBYTE is asserted HIGH, the dummy byte in the
ninth byte position (after the HEC byte) will be removed prior to transmission to support output port 4-bit and 8-bit DPI
modes (otherwise ignored). Not intended for dynamic cycling or operation.
1, 52-54, 104-06,
156-59
NC
No Connect
2, 15-16, 41-42, 49-
50, 56, 67-68, 83-84,
101-02, 108, 119-20,
126, 140, 154, 165,
184, 193, 204
VCC
Power
Power Supply (+3.3V ± 300mV)
55, 107, 208
VCCQ
Power
Output Power Supply (+3.3 ± 300mV)
3-4, 28-29, 43-44,
51, 61-62, 73, 82, 85,
96, 103, 113-14,
125, 127, 141, 155,
164, 183, 194, 203
VSS
Power
Ground
Pin Number
Symbol Type
Description
J14
SCLK
I
System clock: All bus control signals (CMD0-5, CS, IOD0-31, CRCERR) except OE are synchronous with respect to
SCLK. Control commands are registered on the positive edge of SCLK. The SCLK period must be less than or equal to
200ns during normal operation. Data Port signals are asynchronous with respect to SCLK.
F14
CS
I
Chip Select: Synchronous input which must be LOW at the rising edge of SCLK to enable the Command Bus CMD0-5.
Instructions are a NOP when CS is HIGH at the SCLK positive edge.
G14-16, H14-16
CMD0-5
I
Command Bus: Synchronized to SCLK, instructions to be executed by the memory are transferred across this 6-bit
bus. CMD5 is the MSb of the Command Bus.
P13
OE
I
Output Enable: Asynchronous input that enables all outputs when asserted LOW. All outputs are High-Z when OE is
HIGH. IOD0-31 and CRCERR may also be set to High-Z by a HIGH CTLEN bit in the configuration register or a HIGH
CTLEN pin.
A14
RESET
I
Reset: When asserted HIGH, the signal asynchronously allows the initialization of the registers and internal signals of
the IDT77V400. RESET should be asserted HIGH and OE should be held HIGH upon power-up for the external con-
troller to execute the initialization and insure proper system operation.
J15-16, K14, K16
ADDR0-3
I
Chip Address: All ADDR inputs must OR the address in the configuration register bits 26-29 and then must match
1OD13-16 one cycle after the Store or Load command for selection to allow a Store or Load memory cycle to be exe-
cuted (full flag is cleared regardless of match, and empty must match before clear). ADDR3 is the MSb of the device
address bits.
B1, C1-3, D1-3,E1-3,
F1-3, G1-3, H1-3,
J1-3, K1-3, L1-3, M1-
3, N3
IOD0-31
I/O
Control Data Bus: Synchronous with SCLK. Used for external data transfer for the header pre/post-pend bytes, config-
uration register error and status registers, and the cell memory address. IOD31 is the MSb of the Control Data Bus.
A2
CRCERR
O
Cyclical Redundancy Check Error: Synchronous output on the rising edge of SCLK.CRCERR asserted LOW after a
Header with CRC operation indicates that a CRC error has occurred on the previous header.
Pin Number
Symbol Type
Description


Similar Part No. - IDT77V400S156DS1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT77V400S156DS RENESAS-IDT77V400S156DS Datasheet
1Mb / 27P
   SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
IDT77V400S156DSI RENESAS-IDT77V400S156DSI Datasheet
1Mb / 27P
   SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
More results

Similar Description - IDT77V400S156DS1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT77V400 RENESAS-IDT77V400 Datasheet
1Mb / 27P
   SwitchStarTM ATM Cell Based 8 x 8 1.2Gbps non-blocking Integrated Switching Memory
March 31, 2001
IDT77V500 RENESAS-IDT77V500 Datasheet
643Kb / 18P
   SwitchStarTM ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
April 11, 2001
logo
Integrated Device Techn...
IDT77V500 IDT-IDT77V500 Datasheet
458Kb / 17P
   SwitchStar ATM Cell Based 1.2Gbps non-blocking Integrated Switch Controller
logo
JFW Industries, Inc.
50MS-300 JFW-50MS-300_18 Datasheet
32Kb / 2P
   8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-252 JFW-50MS-252 Datasheet
27Kb / 1P
   8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-288 JFW-50MS-288_18 Datasheet
32Kb / 2P
   8 X 8 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-335 JFW-50MS-335_18 Datasheet
32Kb / 2P
   8 X 16 NON-BLOCKING SOLID STATE MATRIX SWITCH
50MS-299 JFW-50MS-299_18 Datasheet
32Kb / 2P
   8 X 4 NON-BLOCKING SOLID STATE MATRIX SWITCH
75MS-029 JFW-75MS-029 Datasheet
37Kb / 2P
   2 x 8 BLOCKING SWITCH MATRIX
logo
Sony Corporation
CXK1012P SONY-CXK1012P Datasheet
473Kb / 10P
   1024-BIT (128WORD X 8 BIT) NON-VOLATILE MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com