Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2605CGN-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2605CGN-1
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605CGN-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC2605CGN-1 Datasheet HTML 1Page - Linear Technology LTC2605CGN-1 Datasheet HTML 2Page - Linear Technology LTC2605CGN-1 Datasheet HTML 3Page - Linear Technology LTC2605CGN-1 Datasheet HTML 4Page - Linear Technology LTC2605CGN-1 Datasheet HTML 5Page - Linear Technology LTC2605CGN-1 Datasheet HTML 6Page - Linear Technology LTC2605CGN-1 Datasheet HTML 7Page - Linear Technology LTC2605CGN-1 Datasheet HTML 8Page - Linear Technology LTC2605CGN-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC2605/LTC2615/LTC2625
2605f
TI I G CHARACTERISTICS The denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (See Figure 1) (Notes 8, 9)
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: Linearity and monotonicity are defined from code kL to code
2N – 1, where N is the resolution and kL is given by kL = 0.016(2N/VREF),
rounded to the nearest whole code. For VREF = 4.096V and N = 16,
kL = 256 and linearity is defined from code 256 to code 65,535.
Note 3: SDA, SCL at 0V or VCC, CA0, CA1 and CA2 floating.
Note 4: Inferred from measurement at code 256 (LTC2605/LTC2605-1),
code 64 (LTC2615/LTC2615-1) or code 16 (LTC2625/LTC2625-1) and
at full scale.
Note 5: VCC = 5V, VREF = 4.096V. DAC is stepped 1/4 scale to 3/4 scale
and 3/4 scale to 1/4 scale. Load is 2k
Ω in parallel with 200pF to GND.
Note 6: VCC = 5V, VREF = 4.096V. DAC is stepped ±1LSB between half
scale and half scale – 1. Load is 2k
Ω in parallel with 200pF to GND.
Note 7: CB = capacitance of one bus line in pF.
Note 8: All values refer to VIH(MIN) and VIL(MAX) levels.
Note 9: These specifications apply to LTC2605/LTC2605-1, LTC2615/
LTC2615-1 and LTC2625/LTC2625-1.
Note 10: DC Crosstalk is measured with VCC = 5V and VREF = 4096V, with
the measured DAC at midscale, unless otherwise noted.
Note 11: RL = 2kΩ to GND or VCC.
Note 12: Guaranteed by design and not production tested.
ELECTRICAL C
C
HARA TERISTICS The denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), VOUT unloaded,
unless otherwise noted.
LTC2625/-1
LTC2615/-1
LTC2605/-1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AC Performance
tS
Settling Time (Note 5)
±0.024% (±1LSB at 12 Bits)
7
7
7
µs
±0.006% (±1LSB at 14 Bits)
9
9
µs
±0.0015% (±1LSB at 16 Bits)
10
µs
Settling Time for 1LSB Step
±0.024% (±1LSB at 12 Bits)
2.7
2.7
2.7
µs
(Note 6)
±0.006% (±1LSB at 14 Bits)
4.8
4.8
µs
±0.0015% (±1LSB at 16 Bits)
5.2
µs
Voltage Output Slew Rate
0.80
0.80
0.80
V/
µs
Capacitive Load Driving
1000
1000
1000
pF
Glitch Impulse
At Midscale Transition
12
12
12
nV • s
Multiplying Bandwidth
180
180
180
kHz
en
Output Voltage Noise Density
At f = 1kHz
120
120
120
nV/
√Hz
At f = 10kHz
100
100
100
nV/
√Hz
Output Voltage Noise
0.1Hz to 10Hz
15
15
15
µVP-P
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 2.7V to 5.5V
fSCL
SCL Clock Frequency
0
400
kHz
tHD(STA)
Hold Time (Repeated) Start Condition
0.6
µs
tLOW
Low Period of the SCL Clock Pin
1.3
µs
tHIGH
High Period of the SCL Clock Pin
0.6
µs
tSU(STA)
Set-Up Time for a Repeated Start Program
0.6
µs
tHD(DAT)
Data Hold Time
0
0.9
µs
tSU(DAT)
Data Set-Up Time
100
ns
tr
Rise Time of Both SDA and SCL Signals
(Note 7)
20 + 0.1CB
300
ns
tf
Fall Time of Both SDA and SCL Signals
(Note 7)
20 + 0.1CB
300
ns
tSU(STO)
Set-Up Time for Stop Condition
0.6
µs
tBUF
Bus Free Time Between a Stop and Start Condition
1.3
µs


Similar Part No. - LTC2605CGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2605CGN-1PBF LINER-LTC2605CGN-1PBF Datasheet
275Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2605CGN-1TRPBF LINER-LTC2605CGN-1TRPBF Datasheet
275Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
More results

Similar Description - LTC2605CGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2625 LINER-LTC2625_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600 Datasheet
434Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2610 LINER-LTC2610_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2620 LINER-LTC2620_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_1 Datasheet
343Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_09 Datasheet
275Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2604 LINER-LTC2604 Datasheet
389Kb / 16P
   Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com