Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

854H8B-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 854H8B-4
Description  2 X 4 4-Pole Filters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

854H8B-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  854H8B-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers 854H8B-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers 854H8B-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers 854H8B-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers 854H8B-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers 854H8B-4 Datasheet HTML 6Page - List of Unclassifed Manufacturers 854H8B-4 Datasheet HTML 7Page - List of Unclassifed Manufacturers 854H8B-4 Datasheet HTML 8Page - List of Unclassifed Manufacturers 854H8B-4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
0.1 Hz to 102.4 kHz
8-Bit Programmable
854 Series
2" x 4"
4-Pole Filters
Description
The 854 Series are digitally programmable low-pass
and high-pass active filters that are tunable over a
256:1 frequency range. 854 filters are available with
any one of six standard factory-set tuning ranges up
to 102.4 kHz. These units contain 8 CMOS logic
inputs that can be operated in a transparent or
latching mode.
All 854 Series models are convenient, low profile,
easy to use fully finished filters which require no
external components or adjustments. They feature
low harmonic distortion, and near theoretical phase
and amplitude characteristics. 854 filters operate
from non-critical ±12 to ±18 Vdc power supplies,
have a 10 kΩ (min.) input impedance, a 10 Ω (max.)
output impedance and offer dc voltage offset
adjustment.
Features/Benefits:
• Digitally programmable corner frequency allows
selecting cut-off frequencies specific to each
application.
• Plug-in ready-to-use, reducing engineering design
and manufacturing cycle time.
• Factory-set tuning range, no external clocks or
adjustments needed.
• Broad range of transfer characteristics and corner
frequencies to meet a wide range of applications.
• Low profile design, ideal for rack mount
installations.
Applications
• Anti-alias filtering
• Data acquisition systems
• Communication systems and electronics
• Medical electronics equipment and research
• Aerospace, navigation and sonar applications
• Sound and vibration testing
• Real and compressed time data analysis
• Noise elimination
• Signal reconstruction
Programmable Specifications . . . . . . . . . . . . . Page
Digital Tuning & Control . . . . . . . . . . . . . . . . . . . . . . 2
Available Low-Pass Models: . . . . . . . . . . . . . . . . . . .
854L4B
4-pole Butterworth . . . . . . . . . . . . . . . . . . 3
854L4L
4-pole Bessel . . . . . . . . . . . . . . . . . . . . . . 3
854L8Y2 4-pole Cheby (0.2 dB Ripple) . . . . . . . . . . 3
854L8Y5 4-pole Cheby (0.5 dB Ripple) . . . . . . . . . . 3
Available High-Pass Models: . . . . . . . . . . . . . . . . . .
854H8B
4-pole Butterworth . . . . . . . . . . . . . . . . . . 4
854H8Y2 4-pole Cheby (0.2 dB Ripple) . . . . . . . . . . 4
854H8Y5 4-pole Cheby (0.5 dB Ripple) . . . . . . . . . . 4
General Specifications:
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . 5
Pin-out/package data. . . . . . . . . . . . . . . . . . . . . . . . . 5


Similar Part No. - 854H8B-4

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
854H8B-4 FREQUENCYDEVICES-854H8B-4 Datasheet
1Mb / 13P
   2" x 4" 4-Pole Filters
More results

Similar Description - 854H8B-4

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
854L8B-1 FREQUENCYDEVICES-854L8B-1 Datasheet
1Mb / 13P
   2" x 4" 4-Pole Filters
logo
List of Unclassifed Man...
824L8B ETC1-824L8B Datasheet
523Kb / 13P
   2 X 2 4-Pole Filters
logo
Frequency Devices, Inc.
824L8B-2 FREQUENCYDEVICES-824L8B-2 Datasheet
524Kb / 13P
   2" x 2" 4-Pole Filters
logo
List of Unclassifed Man...
858L8B ETC1-858L8B Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
818L8B ETC1-818L8B Datasheet
625Kb / 13P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858L8B-1 FREQUENCYDEVICES-858L8B-1 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
818L8B-1 FREQUENCYDEVICES-818L8B-1 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
R854 FREQUENCYDEVICES-R854 Datasheet
441Kb / 13P
   2" x 4" Range Switch 4-Pole Filters
D824L8B-2 FREQUENCYDEVICES-D824L8B-2 Datasheet
539Kb / 13P
   2" x 2" Differential Input 4-Pole Filters
R858 FREQUENCYDEVICES-R858 Datasheet
527Kb / 19P
   2" x 4" Range Switch 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com