Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

858L8D10-1 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 858L8D10-1
Description  2 X 4 8-Pole Filters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

858L8D10-1 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 858L8D10-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 858L8D10-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 858L8D10-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers 858L8D10-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers 858L8D10-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers 858L8D10-1 Datasheet HTML 12Page - List of Unclassifed Manufacturers 858L8D10-1 Datasheet HTML 13Page - List of Unclassifed Manufacturers 858L8D10-1 Datasheet HTML 14Page - List of Unclassifed Manufacturers 858L8D10-1 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
8-Pole, 6-Zero
Constant Delay
Appendix A
Low-Pass (80 dB)
21
25 Locust St., Haverhill, Massachusetts 01830
Tel :800/252-7074, 978/374-0761 FAX:978/521-1839
e-mail: sales@freqdev.com
Web Address: http://www.freqdev.com Fax on Demand: 978/521-5178
Normalized Frequency(f/fc)
Normalized Time (1/f sec)
Normalized Time (1/f sec)
Frequency Response
Delay (Normalized)
Step Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
0.1
1.0
2
3
4
5 6 7 8 9
0.0
0.5
1.0
1.5
0.15
0
1
2
3
4
5
-0.2
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
1.40
1.60
1.80
2.00
2.25
0.90
0.95
1.00
1.10
1.20
0.50
0.60
0.70
0.80
0.85
0.00
0.10
0.20
0.30
0.40
(sec)
Theoretical Transfer Characteristics
1
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
6.50
7.00
8.00
9.00
10.0
5.00
5.25
5.50
5.75
6.00
3.75
4.00
4.25
4.50
4.75
2.50
2.75
3.00
3.25
3.50
-86.6
-85.1
-84.1
-84.3
-84.9
-92.8
-104
-101
-93.3
-89.9
-98.3
-86.3
-84.1
-85.1
-87.9
-43.4
-50.3
-57.6
-62.5
-75.4
-11.3
-17.1
-23.2
-29.1
-36.3
-1.89
-2.41
-3.01
-4.50
-6.39
0.034
-0.157
-0.510
-1.07
-1.44
0.00
0.017
0.058
0.099
0.105
-300
-305
-312
-317
-321
-462
-466
-289
-293
-295
-616
-442
-448
-454
-458
-561
-576
-589
-599
-608
-417
-459
-492
-517
-542
-276
-291
-306
-336
-365
-153
-184
-215
-245
-261
0.00
-30.7
-61.3
-92.0
-123
.026
.022
.017
.013
.011
.044
.040
.036
.033
.030
.079
.069
.061
.054
.049
.189
.153
.127
.107
.092
.656
.512
.396
.312
.239
.849
.846
.841
.821
.783
.852
.852
.852
.851
.850
.852
.852
.852
.852
.852


Similar Part No. - 858L8D10-1

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
858L8D10-1 FREQUENCYDEVICES-858L8D10-1 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
858L8D10-1 FREQUENCYDEVICES-858L8D10-1 Datasheet
524Kb / 19P
   8-Bit Programmable
More results

Similar Description - 858L8D10-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
818L8B ETC1-818L8B Datasheet
625Kb / 13P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858L8B-1 FREQUENCYDEVICES-858L8B-1 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
818L8B-1 FREQUENCYDEVICES-818L8B-1 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
logo
List of Unclassifed Man...
828L8B ETC1-828L8B Datasheet
605Kb / 19P
   2 X 2 8-Pole Filters
logo
Frequency Devices, Inc.
828L8B-2 FREQUENCYDEVICES-828L8B-2 Datasheet
569Kb / 19P
   2" x 2" 8-Pole Filters
R858 FREQUENCYDEVICES-R858 Datasheet
527Kb / 19P
   2" x 4" Range Switch 8-Pole Filters
logo
List of Unclassifed Man...
824L8B ETC1-824L8B Datasheet
523Kb / 13P
   2 X 2 4-Pole Filters
logo
Frequency Devices, Inc.
824L8B-2 FREQUENCYDEVICES-824L8B-2 Datasheet
524Kb / 13P
   2" x 2" 4-Pole Filters
854L8B-1 FREQUENCYDEVICES-854L8B-1 Datasheet
1Mb / 13P
   2" x 4" 4-Pole Filters
logo
List of Unclassifed Man...
854L8B ETC1-854L8B Datasheet
432Kb / 13P
   2 X 4 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com