Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74LV174N Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74LV174N
Description  Hex D-type flip-flop with reset; positive edge-trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LV174N Datasheet(HTML) 1 Page - Integral Corp.

  IN74LV174N Datasheet HTML 1Page - Integral Corp. IN74LV174N Datasheet HTML 2Page - Integral Corp. IN74LV174N Datasheet HTML 3Page - Integral Corp. IN74LV174N Datasheet HTML 4Page - Integral Corp. IN74LV174N Datasheet HTML 5Page - Integral Corp. IN74LV174N Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TECHNICAL DATA
1
INTEGRAL
Hex D-type flip-flop with reset; positive edge-trigger
The 74LV174 is a low–voltage Si–gate CMOS device and is pin and
function compatible with the 74HC/HCT174.
The 74LV174 has six edge–triggered D–type flip–flops with individual D
inputs and Q outputs. The common clock (CP) and master reset (MR)
inputs load and reset (clear) all flip–flops simultaneously.
The register is fully edge–triggered. The state of each D input, one set–
up time prior to the LOW–to–HIGH clock transition, is transferred to the
corresponding output of the flip –flop.
A LOW level on the MR input forces all outputs LOW, independently of
clock or data inputs.
The device is useful for applications requiring true outputs only and
clock and master reset inputs that are common to all storage elements.
• Output voltage levels are compatible with input levels of CMOS,
NMOS and TTL ICS
• Supply voltage range: 1.2 to 5.5 V
• Low input current: 1.0 µÀ; 0.1 µÀ at Ò = 25 °Ñ
• Output current: 6 mA at Vcc = 3.0 V; 12 mA at Vcc = 4.5 V
• High Noise Immunity Characteristic of CMOS Devices
IN74LV174
ORDERING INFORMATION
IN74LV174N Plastic
IN74LV174D SOIC
IZ74LV174 Chip
TA = -40
° to 125° C for all packages
FUNCTION TABLE
Inputs
Outputs
MR
CP
Dn
Qn
L
X
X
L
H
H
H
H
L
L
H
L
X
no change
H
X
no change
H= high level
L = low level
X = don’t care
LOGIC DIAGRAM
PIN 16=VCC
PIN 08 = GND
PIN ASSIGNMENT
1
2
3
5
4
6
7
8
GND
16
15
14
13
12
11
10
9
V CC
MR
Q0
D0
D1
Q1
D2
Q2
D5
D4
Q4
D3
Q3
CP
Q5
MR
CP


Similar Part No. - IN74LV174N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV138 INTEGRAL-IN74LV138 Datasheet
84Kb / 8P
   3-to-8 line decoder/demultiplexer;inverting
IN74LV138D INTEGRAL-IN74LV138D Datasheet
84Kb / 8P
   3-to-8 line decoder/demultiplexer;inverting
IN74LV138N INTEGRAL-IN74LV138N Datasheet
84Kb / 8P
   3-to-8 line decoder/demultiplexer;inverting
IN74LV139 INTEGRAL-IN74LV139 Datasheet
94Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
IN74LV139D INTEGRAL-IN74LV139D Datasheet
94Kb / 6P
   Dual 2-to-4 line decoder/demultiplexer; inverting
More results

Similar Description - IN74LV174N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74HC174 PHILIPS-74HC174 Datasheet
101Kb / 13P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HC174-Q100 NEXPERIA-74HC174-Q100 Datasheet
730Kb / 16P
   Hex D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74LV174 PHILIPS-74LV174 Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Nexperia B.V. All right...
74HCT174-Q100 NEXPERIA-74HCT174-Q100 Datasheet
252Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
74HCT174 NEXPERIA-74HCT174 Datasheet
255Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 6 - 1 September 2021
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com