Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

81840RPQK Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 81840RPQK
Description  128 Channel Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

81840RPQK Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  81840RPQK Datasheet HTML 1Page - List of Unclassifed Manufacturers 81840RPQK Datasheet HTML 2Page - List of Unclassifed Manufacturers 81840RPQK Datasheet HTML 3Page - List of Unclassifed Manufacturers 81840RPQK Datasheet HTML 4Page - List of Unclassifed Manufacturers 81840RPQK Datasheet HTML 5Page - List of Unclassifed Manufacturers 81840RPQK Datasheet HTML 6Page - List of Unclassifed Manufacturers 81840RPQK Datasheet HTML 7Page - List of Unclassifed Manufacturers 81840RPQK Datasheet HTML 8Page - List of Unclassifed Manufacturers 81840RPQK Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
All data sheets are subject to change without notice
©2021 Maxwell Technologies
All rights reserved.
128 Channel Multiplexer
81840
06.17.02 REV 5
TABLE 2. 81840 ABSOLUTE MAXIMUM RATINGS1,2,3,4
1. The LMUX MCM is designed to operate with power supply voltages ranging
from ±5.2V to ±20VDC.
2. The maximum voltage each input AIN(128:1) may see without damage is
+35V to -35V with respect to ground.
3. Stresses above the absolute maximum rating may cause permanent damage
to the device. Extended operation at the maximum levels may degrade per-
formance and affect reliability.
4. T
A = 25° C unless otherwise specified.
ENVIRONMENT
RANGES
V+ To Ground
20V
V- To Ground
-20V
Input Overvoltage, AIN(1) to AIN(128)
35V to-35V
(Power ON or OFF)
Input Overvoltage, Logic Inputs
4V over V
REF and -4V below
Grd
Power Dissipation
500mW Maximum
Storage Temperature
-65 to 150°C
Operating Temperature
-55 to 125°C
TABLE 3. 81840 AC ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
SUBGROUPS
TEST LIMITS
UNITS
T
A = 25° C
T
A = 125° C
T
A = -55
°C
MIN
MAX
MIN
MAX
MIN
MAX
Address Input to I/O Channels
Prop. Delay
t
ON(A)
t
OFF(A)
V
IN = 5.0V
R
L = 5k>
C
L = 50pF
9, 10, 11
--
--
1500
1500
--
--
1500
1500
--
--
1500
1500
nsec
Enable to I/O
t
ON(EN)
t
OFF(EN)
V
IN = 5.0V
R
L = 5k>
C
L = 50 pF
9, 10, 11
--
--
1500
1500
--
--
1500
1500
--
--
1500
1500
nsec
On Channel Isolation
V
ISO(ON)
All enable = 0.8V
V
IN = 3VRMS @
500kHz1
1. Controlled by design, not directly tested.
4, 5, 6
45
--
45
--
45
--
db
Off Channel Isolation
V
ISO(OFF)
All enable = 4.0V
V
IN = 3VRMS @
500kHz1
4, 5, 6
45
--
45
--
45
--
db


Similar Part No. - 81840RPQK

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
81840RPQK MAXWELL-81840RPQK Datasheet
155Kb / 12P
   128 Channel Multiplexer
More results

Similar Description - 81840RPQK

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
81840 MAXWELL-81840 Datasheet
155Kb / 12P
   128 Channel Multiplexer
logo
Fairchild Semiconductor
MM74HC4051 FAIRCHILD-MM74HC4051 Datasheet
120Kb / 11P
   8-Channel Analog Multiplexer . Dual 4-Channel Analog Multiplexer . Triple 2-Channel Analog Multiplexer
74VHC4051 FAIRCHILD-74VHC4051 Datasheet
108Kb / 11P
   8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
logo
Toshiba Semiconductor
TC7WH157FU TOSHIBA-TC7WH157FU Datasheet
206Kb / 6P
   2-CHANNEL MULTIPLEXER
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
   8-Channel Multiplexer
logo
Renesas Technology Corp
HD74ALVC2G157 RENESAS-HD74ALVC2G157_15 Datasheet
120Kb / 13P
   2-channel Multiplexer
logo
Hitachi Semiconductor
HD74LV2G157A HITACHI-HD74LV2G157A Datasheet
107Kb / 11P
   2-channel Multiplexer
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
   8-CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC7WH157FK TOSHIBA-TC7WH157FK_09 Datasheet
182Kb / 7P
   2-Channel Multiplexer
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
   8 - CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com