Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC10EWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # DC10EWA
Description  10 SEGMENT BAR GRAPH ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DC10EWA Datasheet(HTML) 1 Page - Kingbright Corporation

  DC10EWA Datasheet HTML 1Page - Kingbright Corporation DC10EWA Datasheet HTML 2Page - Kingbright Corporation DC10EWA Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPEC NO: DSAD1426
REV NO: V.3
DATE: APR/25/2005
PAGE: 1 OF 3
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: S.H.CHEN
ERP:1331000008
Package Dimensions & Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), T olerance is
±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
Description
The High Efficiency Red source color devices are
made With Gallium Arsenide Phosphide on Gallium
Phosphide Orange Light Emitting Diode.
DC10EWA
HIGH EFFICIENCY RED
10 SEGMENT BAR GRAPH ARRAY
Features
z
SUITABLE FOR LEVEL INDICATORS.
z
LOW CURRENT OPERATION.
z
EXCELLENT ON/OFF CONTRAST.
z
WIDE VIEWING ANGLE.
z
END STACKABLE.
z
MECHANICALLY RUGGED.
z
BI-COLOR VERSION AVAILABLE.
z
STANDARD : GRAY FACE, WHITE SEGMENT.
z
RoHS COMPLIANT.


Similar Part No. - DC10EWA

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
DC100 INTRONICS-DC100 Datasheet
247Kb / 1P
   1 WATT SINGLE OUTPUT DC-DC CONVERTERS
logo
Hammond Manufacturing L...
DC100 HAMMOND-DC100 Datasheet
66Kb / 2P
   Armoire pour serveur en acier robuste
logo
Wall Industries,Inc.
DC100 WALL-DC100 Datasheet
655Kb / 8P
   2:1 Wide Input Voltage Ranges
DC100-12S05 WALL-DC100-12S05 Datasheet
655Kb / 8P
   2:1 Wide Input Voltage Ranges
DC100-12S12 WALL-DC100-12S12 Datasheet
655Kb / 8P
   2:1 Wide Input Voltage Ranges
More results

Similar Description - DC10EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DC7G3HWA KINGBRIGHT-DC7G3HWA Datasheet
142Kb / 5P
   10 SEGMENT BAR GRAPH ARRAY
DC10CGKWA KINGBRIGHT-DC10CGKWA Datasheet
353Kb / 6P
   10 SEGMENT BAR GRAPH ARRAY
DC10SYKWA KINGBRIGHT-DC10SYKWA Datasheet
352Kb / 6P
   10 SEGMENT BAR GRAPH ARRAY
DC10YWA KINGBRIGHT-DC10YWA Datasheet
147Kb / 4P
   10 SEGMENT BAR GRAPH ARRAY
DC10GWA KINGBRIGHT-DC10GWA Datasheet
147Kb / 4P
   10 SEGMENT BAR GRAPH ARRAY
DC10SURKWA KINGBRIGHT-DC10SURKWA Datasheet
354Kb / 6P
   10 SEGMENT BAR GRAPH ARRAY
logo
Marktech Corporate
MTB10000-RG MARKTECH-MTB10000-RG Datasheet
36Kb / 1P
   Marktech Bar Graph Array (10 Segment)
logo
P-tec Corporation
PB65-BGA10R12 P-TEC-PB65-BGA10R12 Datasheet
31Kb / 1P
   PB65 10 Segment Rectangular Bar Graph Array
PB65-BGA10R21 P-TEC-PB65-BGA10R21 Datasheet
31Kb / 1P
   PB65 10 Segment Rectangular Bar Graph Array
logo
LUMEX INC.
SSA-LXB10IGW-GF LUMEX-SSA-LXB10IGW-GF Datasheet
48Kb / 1P
   10 Segment Bar Graph
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com