Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

818H8E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 818H8E
Description  2 X 4 8-Pole Filters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

818H8E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  818H8E Datasheet HTML 1Page - List of Unclassifed Manufacturers 818H8E Datasheet HTML 2Page - List of Unclassifed Manufacturers 818H8E Datasheet HTML 3Page - List of Unclassifed Manufacturers 818H8E Datasheet HTML 4Page - List of Unclassifed Manufacturers 818H8E Datasheet HTML 5Page - List of Unclassifed Manufacturers 818H8E Datasheet HTML 6Page - List of Unclassifed Manufacturers 818H8E Datasheet HTML 7Page - List of Unclassifed Manufacturers 818H8E Datasheet HTML 8Page - List of Unclassifed Manufacturers 818H8E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
1 kHz to 1.28 MHz
8-Bit Programmable
818 Series
2" x 4"
8-Pole Filters
Description
The 818 Series are digitally programmable low-pass
and high-pass active filters that are tunable over a
256:1 frequency range. 818 filters are available with
any one of five standard factory-set tuning ranges or
8-bit custom ranges from 1 kHz to 1.28 MHz. These
units contain 8 CMOS logic inputs.
818 Series models are convenient, low profile, easy
to use fully finished filters which require no external
components or adjustments.
They feature low
harmonic distortion, and near theoretical amplitude
characteristics. 818 filters operate from non-critical
±12 to ±18 Vdc power supplies, have a 5 k
Ω (min.)
input impedance, a 10
Ω (max.) output impedance
and low-pass models offer dc voltage offset
adjustment.
Features/Benefits:
• Low harmonic distortion and wide signal-to-noise
ratio to 12-bit resolution
• Digitally programmable corner frequency allows
selecting cut-off frequencies specific to each
application
• Plug-in ready-to-use, reducing engineering design
and manufacturing cycle time
• Factory-set tuning range, no external clocks or
adjustments needed
• Broad range of transfer characteristics and corner
frequencies to meet a wide range of applications
Applications
• Anti-alias and band-pass filtering
• Data acquisition systems
• Satellite and telecommunications
• Acoustic and vibration analysis and control
• Aerospace, navigation and sonar
• Medical research and electronic equipment
• Engine test and simulation
• Noise elimination
• Video systems
• Signal reconstruction
Programmable Specifications. . . . . . . . . . . . . . Page
Digital Tuning & Control . . . . . . . . . . . . . . . . . . . . . . 2
Available Low-Pass Models: . . . . . . . . . . . . . . . Page
818L8B
8-pole Butterworth . . . . . . . . . . . . . . . . . . 3
818L8L
8-pole Bessel . . . . . . . . . . . . . . . . . . . . . . 3
818L8E
8-pole, 6-zero elliptic, 1.77 . . . . . . . . . . . . 3
818L8D80 8-pole, 6-zero constant delay . . . . . . . . . . 3
Available High-Pass Models: . . . . . . . . . . . . . . Page
818H8B
8-pole Butterworth . . . . . . . . . . . . . . . . . . 4
818H8E
8-pole, 6-zero elliptic, 1.77 . . . . . . . . . . . . 4
General Specifications:
Phase and phase match considerations . . . . . . . 5 & 6
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . 7
Pin-out/package data . . . . . . . . . . . . . . . . . . . . . . . . . 7


Similar Part No. - 818H8E

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
818H8E-1 FREQUENCYDEVICES-818H8E-1 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
818H8E-2 FREQUENCYDEVICES-818H8E-2 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
818H8E-3 FREQUENCYDEVICES-818H8E-3 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
818H8E-4 FREQUENCYDEVICES-818H8E-4 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
818H8E-5 FREQUENCYDEVICES-818H8E-5 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
More results

Similar Description - 818H8E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
858L8B ETC1-858L8B Datasheet
540Kb / 19P
   2 X 4 8-Pole Filters
logo
Frequency Devices, Inc.
858L8B-1 FREQUENCYDEVICES-858L8B-1 Datasheet
519Kb / 19P
   2" x 4" 8-Pole Filters
818L8B-1 FREQUENCYDEVICES-818L8B-1 Datasheet
706Kb / 14P
   2" x 4" 8-Pole Filters
logo
List of Unclassifed Man...
828L8B ETC1-828L8B Datasheet
605Kb / 19P
   2 X 2 8-Pole Filters
logo
Frequency Devices, Inc.
828L8B-2 FREQUENCYDEVICES-828L8B-2 Datasheet
569Kb / 19P
   2" x 2" 8-Pole Filters
R858 FREQUENCYDEVICES-R858 Datasheet
527Kb / 19P
   2" x 4" Range Switch 8-Pole Filters
logo
List of Unclassifed Man...
824L8B ETC1-824L8B Datasheet
523Kb / 13P
   2 X 2 4-Pole Filters
logo
Frequency Devices, Inc.
824L8B-2 FREQUENCYDEVICES-824L8B-2 Datasheet
524Kb / 13P
   2" x 2" 4-Pole Filters
854L8B-1 FREQUENCYDEVICES-854L8B-1 Datasheet
1Mb / 13P
   2" x 4" 4-Pole Filters
logo
List of Unclassifed Man...
854L8B ETC1-854L8B Datasheet
432Kb / 13P
   2 X 4 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com