Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7815 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AN7815
Description  3-pin positive output voltage regulator (1 A type)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7815 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AN7815 Datasheet HTML 2Page - Panasonic Semiconductor AN7815 Datasheet HTML 3Page - Panasonic Semiconductor AN7815 Datasheet HTML 4Page - Panasonic Semiconductor AN7815 Datasheet HTML 5Page - Panasonic Semiconductor AN7815 Datasheet HTML 6Page - Panasonic Semiconductor AN7815 Datasheet HTML 7Page - Panasonic Semiconductor AN7815 Datasheet HTML 8Page - Panasonic Semiconductor AN7815 Datasheet HTML 9Page - Panasonic Semiconductor AN7815 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Voltage Regulators
AN78xx/AN78xxF Series
9
I Usage Notes
1. Cautions for a basic circuit
CI: When a wiring from a smoothing circuit to a three-pin regulator
is long, it is likely to oscillate in output. A capacitor of 0.1
µF to
0.47
µF should be connected near an input pin.
CO: When any sudden change of load current is likely to occur,
connect an electrolytic capacitor of 10
µF to 100µF to improve a
transitional response of output voltage.
Di: Normally unnecessary. But add it in the case that there is a
residual voltage at the output capacitor Co even after switching
off the supply power because a current is likely to flow into an
output pin of the IC and damage the IC.
2. Other caution items
1) Short-circuit between the input pin and GND pin
If the input pin is short-circuitted to GND or is cut
off when a large capacitance capacitor has been con-
nected to the IC's load, a voltage of a capacitor con-
nected to an output pin is applied between input/out-
put of the IC and this likely results in damage of the
IC. It is necessary, therefore, to connect a diode, as
shown in figure 2, to counter the reverse bias between
input/output pins.
2) Floating of GND pin
If a GND pin is made floating in an operating mode, an unstabilized input voltage is outputted. In this case, a
thermal protection circuit inside the IC does not normally operate. In this state, if the load is short-circuited or
overloaded, it is likely to damage the IC.
I Application Circuit Examples
1. Current bootstrap circuit
I Basic Regulator Circuit
CI : CI is necessary when the input line is long.
CO: CO improves the transient response.
CO
CI
Input
Output
AN78xx
AN78xxF
Common
13
2
VO
VO
VO'
0.33
µF
0.1
µF
VI
VI
IO
IBias
VO
= VO' + IBias +
R1
R2
VO'
3
Q1
AN78xx
AN78xxF
AN78xx
AN78xxF
13
2
1
3
2
R2
R1
Note) VO varies due to sample to sample variation
of IBias.
Never fail to adjust individually with R1.
Figure 1
CO
VO
CI
VI
Di
1
3
2
In
GND
Out
Output
Figure 2
CO
1
3
2
+
2. Adjustable output regulator


Similar Part No. - AN7815

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7815 PANASONIC-AN7815 Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
logo
List of Unclassifed Man...
AN7815 ETC2-AN7815 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7815F PANASONIC-AN7815F Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
More results

Similar Description - AN7815

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78XX PANASONIC-AN78XX Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
AN7805NSP PANASONIC-AN7805NSP Datasheet
187Kb / 13P
   3-pin positive output voltage regulator (1 A type)
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com