Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

428H4EX Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 428H4EX
Description  32-Pin DIP 8-Pole Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

428H4EX Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 428H4EX Datasheet HTML 2Page - List of Unclassifed Manufacturers 428H4EX Datasheet HTML 3Page - List of Unclassifed Manufacturers 428H4EX Datasheet HTML 4Page - List of Unclassifed Manufacturers 428H4EX Datasheet HTML 5Page - List of Unclassifed Manufacturers 428H4EX Datasheet HTML 6Page - List of Unclassifed Manufacturers 428H4EX Datasheet HTML 7Page - List of Unclassifed Manufacturers 428H4EX Datasheet HTML 8Page - List of Unclassifed Manufacturers 428H4EX Datasheet HTML 9Page - List of Unclassifed Manufacturers 428H4EX Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Specification
(25°C and Vs ± 15 Vdc)
428 Series
Pin-Out and Package Data
Ordering Information
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
IN-00428-01
20 k
(Cermet)
OS
+Vs
-Vs
Do not connect
if trim is not
required.
Analog Input Characteristics1
Impedance
10 k
min.
Voltage Range
± 10 Vpeak
Max. Safe Voltage
±Vs
Analog Output Characteristics
Impedance (Closed Loop)
11
typ.
10
max.
Linear Operating Range
±10V
Maximum Current
2
±2 mA
Offset Voltage
3
22 mV typ.
20 mV max.
Offset Temp. Coeff.
50
µV/°C
Power Supply (
±V)
Rated Voltage
±15 Vdc
Operating Range
±12 to ±18 Vdc
Maximum Safe Voltage
±18 Vdc
Quiescent Current
±25 mA typ.
±40 mA max.
Temperature
Operating
-20 to +70°C
Storage
-25 to +85°C
Notes:
1. Input and output signal voltage referenced to supply common.
2. Output is short circuit protected to common.
DO NOT CONNECT TO ±Vs.
3. Adjustable to zero.
4. Units operate with or without offset pin connected.
DC Offset Adjustment
428 L4E-7
Binary Tuning Ranges
Model
Tuning
*Minimum
Number
Range (Hz)
Step (Hz)
1
10-160
10
2
25-400
25
3
50-800
50
4
100-1.60k
100
5
250-4.00k
250
6
500-8.00k
500
7
1.00k-16.0k
1.00k
8
2.50k-40.0k
2.50k
9
5.00k-80.0k
5.00k
10
6.40k-102.4k
6.40k
*Contact factory for custom step frequency. Maximum step 6.40 kHz.
Discrete Frequency’s
Customer must specify f
1 ,f2 ,f3, f4,f5.
Maximum span f
1
⇒ f
5 1,000:1.
Contact factory for custom frequency’s
Model Number
428 Transfer Function
B - Butterworth
L - Bessel
D60 - constant delay (-60 dB)
D80 - constant delay (-80 dB)
D10 - constant delay (-100 dB)
E - elliptic 1.77 (-80 dB)
EX- elliptic 1.56 (-80dB)
EY - elliptic 2.00 (-100 dB)
Filter Type
L - Low Pass
H - High Pass
Ordering Information
0.025 Dia.
All dimensions are in inches
All case dimensions ±0.02"
0.15 min.
(Side View)
428
0.00
0.50
Bottom View
0.70
0.80
0.00
0.10
Gnd Os
-Vs +Vs
D0
D2 D3
D1
+5V
Out
In
4
Pin-Out & Package Data
Filter Mounting Assembly-See FMA-02A
6


Similar Part No. - 428H4EX

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
428H4EX-1 FREQUENCYDEVICES-428H4EX-1 Datasheet
980Kb / 18P
   32-Pin DIP 8-Pole Filters
428H4EX-10 FREQUENCYDEVICES-428H4EX-10 Datasheet
980Kb / 18P
   32-Pin DIP 8-Pole Filters
428H4EX-2 FREQUENCYDEVICES-428H4EX-2 Datasheet
980Kb / 18P
   32-Pin DIP 8-Pole Filters
428H4EX-3 FREQUENCYDEVICES-428H4EX-3 Datasheet
980Kb / 18P
   32-Pin DIP 8-Pole Filters
428H4EX-4 FREQUENCYDEVICES-428H4EX-4 Datasheet
980Kb / 18P
   32-Pin DIP 8-Pole Filters
More results

Similar Description - 428H4EX

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
   32 Pin DIP 8-Pole Filters
428L4B-1 FREQUENCYDEVICES-428L4B-1 Datasheet
980Kb / 18P
   32-Pin DIP 8-Pole Filters
logo
List of Unclassifed Man...
DP68 ETC1-DP68 Datasheet
478Kb / 17P
   32 Pin DIP 8-Pole Filters
DP78 ETC1-DP78 Datasheet
564Kb / 6P
   32 Pin DIP 8-Pole Filters
logo
Frequency Devices, Inc.
D78L8B FREQUENCYDEVICES-D78L8B Datasheet
368Kb / 6P
   32 Pin DIP 8-Pole Filters
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
   32-Pin DIP 8-, 6-, 4-Pole Filters
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
   32-Pin DIP 4 - Pole Filters
logo
List of Unclassifed Man...
DP66 ETC1-DP66 Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com