Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7806F Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AN7806F
Description  3-pin positive output voltage regulator (1 A type)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7806F Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN7806F Datasheet HTML 1Page - Panasonic Semiconductor AN7806F Datasheet HTML 2Page - Panasonic Semiconductor AN7806F Datasheet HTML 3Page - Panasonic Semiconductor AN7806F Datasheet HTML 4Page - Panasonic Semiconductor AN7806F Datasheet HTML 5Page - Panasonic Semiconductor AN7806F Datasheet HTML 6Page - Panasonic Semiconductor AN7806F Datasheet HTML 7Page - Panasonic Semiconductor AN7806F Datasheet HTML 8Page - Panasonic Semiconductor AN7806F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AN78xx/AN78xxF Series
Voltage Regulators
4
I Electrical Characteristics at Ta = 25°C (continued)
• AN7808, 7808F (8V type)
• AN7809, 7809F (9V type)
VO
8.3
V
8
Tj
= 25°C
VO
V
VI
= 11 to 23V, IO = 5mA to 1A,
Tj
= 0 to 125°C, PD ≤ *
REGIN
160
mV
6
VI
= 10.5 to 25V, Tj = 25°C
mV
REGL
mV
12
IO
= 5mA to 1.5A, Tj = 25°C
mV
IO
= 250 to 750mA, Tj = 25°C
VI
= 11 to 17V, Tj = 25°C
mA
3.9
Tj
= 25°C
2
IBias
mA
VI
= 10.5 to 25V, Tj = 25°C
∆IBias(IN)
mA
∆IBias(L)
µV
52
IO
= 5mA to 1A, Tj = 25°C
Vno
dB
f
= 10Hz to 100kHz
1
0.5
80
8.4
160
80
8
56
7.7
7.6
RR
VI
= 11.5 to 21.5V, IO = 100mA, f = 120Hz
V
2
IO
= 1A, Tj = 25°C
VDIF(min)
m
16
ZO
mA
700
f
= 1kHz
IO(Short)
A
2
VI
= 25V, Tj = 25°C
4
IO(Peak)
Tj
= 25°C
mV/
°C
− 0.5
∆VO/Ta
IO
= 5mA, Tj = 0 to 125°C
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output impedance
Output short-circuit current
Peak output current
Output voltage temperature coefficient
Unit
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 14V, IO = 500mA, CI = 0.33µF and CO = 0.1µF.
*
AN78xx series: 15W, AN78xxF series: 10.25W
VO
V
VO
V
REGIN
mV
mV
REGL
mV
mV
mA
IBias
mA
∆IBias(IN)
mA
∆IBias(L)
µV
Vno
dB
RR
V
VDIF(min)
m
ZO
mA
IO(Short)
A
IO(Peak)
mV/
°C
∆VO/Ta
9.35
9
Tj
= 25°C
VI
= 12 to 24V, IO = 5mA to 1A,
Tj
= 0 to 125°C, PD ≤ *
180
7
VI
= 11.5 to 26V, Tj = 25°C
12
IO
= 5mA to 1.5A, Tj = 25°C
IO
= 250 to 750mA, Tj = 25°C
VI
= 12 to 18V, Tj = 25°C
3.9
Tj
= 25°C
2
VI
= 11.5 to 26V, Tj = 25°C
57
IO
= 5mA to 1A, Tj = 25°C
f
= 10Hz to 100kHz
1
0.5
90
9.45
180
90
8
56
8.65
8.55
VI
= 12 to 22V, IO = 100mA, f = 120Hz
2
IO
= 1A, Tj = 25°C
16
700
f
= 1kHz
2
VI
= 26V, Tj = 25°C
4
Tj
= 25°C
− 0.5
IO
= 5mA, Tj = 0 to 125°C
Parameter
Symbol
Conditions
Min
Typ
Max
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Bias current fluctuation to input
Bias current fluctuation to load
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Output impedance
Output short-circuit current
Peak output current
Output voltage temperature coefficient
Unit
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 15V, IO = 500mA, CI = 0.33µF and CO = 0.1µF.
*
AN78xx series: 15W, AN78xxF series: 10.25W


Similar Part No. - AN7806F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7806F PANASONIC-AN7806F Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
logo
List of Unclassifed Man...
AN7806F ETC2-AN7806F Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN7806F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78XX PANASONIC-AN78XX Datasheet
492Kb / 9P
   3-pin positive output voltage regulator (1 A type)
AN7805NSP PANASONIC-AN7805NSP Datasheet
187Kb / 13P
   3-pin positive output voltage regulator (1 A type)
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com