Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

424L4B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 424L4B
Description  32-Pin DIP 4-Pole Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

424L4B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  424L4B Datasheet HTML 1Page - List of Unclassifed Manufacturers 424L4B Datasheet HTML 2Page - List of Unclassifed Manufacturers 424L4B Datasheet HTML 3Page - List of Unclassifed Manufacturers 424L4B Datasheet HTML 4Page - List of Unclassifed Manufacturers 424L4B Datasheet HTML 5Page - List of Unclassifed Manufacturers 424L4B Datasheet HTML 6Page - List of Unclassifed Manufacturers 424L4B Datasheet HTML 7Page - List of Unclassifed Manufacturers 424L4B Datasheet HTML 8Page - List of Unclassifed Manufacturers 424L4B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
4-Bit Programmable Filters
424 Series
Digital Tuning &
Control Characteristics
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Digital Tuning Characteristics
The digital tuning interface circuits are a parallel set of CMOS
switches which accept CMOS compatible inputs for the four
tuning bits (D0 - D3).
Binary Tuning Range
Pin-Out Key
IN
Analog Input Signal
D
3
Tuning Bit 3 (MSB)
OUT Analog Output Signal
D
2
Tuning Bit 2
GND Power and Signal Return D
1
Tuning Bit 1
+Vs
Supply Voltage, Positive
D
0
Tuning Bit 0 (LSB)
-Vs
Supply Voltage, Negative +5V Logic Power
Os
Offset Adjustment
Data Input Specifications
Input Data Levels
(+5Vdc CMOS Logic)
Input Voltage (Vs=15 Vdc)
Low Level In
0 Vdc min.
0.5 Vdc max.
High Level In
3.5 Vdc min.
5.0 Vdc max.
Input Current
High Level In
-0.4
mA typ.
-2.0
mA max.
Low Level In
+0.4
mA typ.
+2.0
mA max.
Input Capacitance
20 pF typ.
30 pF max.
Input Data Format
Frequency Select Bits
Positive Logic
Logic “1” = (+5Vdc)
Logic “0” = Gnd
Bit Weight
(Binary-Coded)
D
0
LSB (least significant bit)
D
3
MSB (most significant bit)
Frequency Range16:1 Binary Weighted
MSB
---
---
LSB
Bit
Weight
2
3
2
2
2
1
2
0
fc - corner
D
3
D
2
D
1
D
0
frequency
00
0
0
f
max/16
00
0
1
f
max/8
00
1
1
f
max/4
01
1
1
f
max/2
11
1
1
f
max
Binary Tuning Equation:
fc = (fmax/16) [1+ D3 x 23 + D2 x 22 + D1 x 21 + D0 x 20]
where D1 - D3 = “0” or “1”, and
fmax = Maximum tuning frequency
fc = Corner frequency;
Minimum tunable frequency = fmax/16 (D0 thru D3 = 0);
Minimum frequency step (Resolution) = fmax /16
Discrete Frequencies
FD
0
D
1
D
2
D
3
F
B
00
0
0
F
1
10
0
0
F
2
11
0
0
F
3
11
1
0
F
4
11
1
1
Discrete Tuning Equation:
fc = FB + D0[
Df0] + D1[Df1] + D2[Df2] + D3[Df3]
Df0, Df1, Df2, Df3 are the incremental frequency shifts for the data
bits D0, D1, D2 and D3. They are selected to realize the five
customer specified programming frequencies FB
fi F4. Other
programming codes produce valid fc’s between FB and F4.
Bottom View
0.70
0.80
0.00
0.10
Gnd Os
-Vs +Vs
D0
D2 D3
D1
+5V
Out
In
4
2


Similar Part No. - 424L4B

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
424L4B-10 FREQUENCYDEVICES-424L4B-10 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
424L4B-2 FREQUENCYDEVICES-424L4B-2 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
424L4B-3 FREQUENCYDEVICES-424L4B-3 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
424L4B-4 FREQUENCYDEVICES-424L4B-4 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
More results

Similar Description - 424L4B

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
   32-Pin DIP 4 - Pole Filters
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
logo
List of Unclassifed Man...
DP64 ETC1-DP64 Datasheet
590Kb / 11P
   32-Pin DIP 4 - Pole Filters
logo
Frequency Devices, Inc.
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
   32-Pin DIP 8-, 6-, 4-Pole Filters
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
   32 Pin DIP 8-Pole Filters
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
DP66 ETC1-DP66 Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D66L6B FREQUENCYDEVICES-D66L6B Datasheet
581Kb / 6P
   32 Pin DIP 6-Pole Filters
428L4B-1 FREQUENCYDEVICES-428L4B-1 Datasheet
980Kb / 18P
   32-Pin DIP 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com