Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

306RPFB Datasheet(PDF) 4 Page - Maxwell Technologies

Part # 306RPFB
Description  16-Channel CMOS Analog Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

306RPFB Datasheet(HTML) 4 Page - Maxwell Technologies

  306RPFB Datasheet HTML 1Page - Maxwell Technologies 306RPFB Datasheet HTML 2Page - Maxwell Technologies 306RPFB Datasheet HTML 3Page - Maxwell Technologies 306RPFB Datasheet HTML 4Page - Maxwell Technologies 306RPFB Datasheet HTML 5Page - Maxwell Technologies 306RPFB Datasheet HTML 6Page - Maxwell Technologies 306RPFB Datasheet HTML 7Page - Maxwell Technologies 306RPFB Datasheet HTML 8Page - Maxwell Technologies 306RPFB Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
16-Channel CMOS Analog Multiplexer
306
08.15.02 Rev 5
TABLE 5. 306 ELECTRICAL CHARACTERISTICS - DUAL SUPPLIES
(V+ = +15V, V- = -15V, GND = 0V, V
AH = +2.4V, VAL = +0.8V, TA = -55 TO +125°C, UNLESS OTHERWISE SPECIFIED.)
PARAMETER
SYMBOL
TEST CONDITIONS
SUBGROUPS
MIN
TYP
MAX
UNITS
SWITCH
Analog Signal Range1
V
NO
V
COM
1, 2, 3
-15
--
15
V
On-Resistance
R
ON
I
NO = -1.0 mA
V
COM = ±10V
T
A = +25°C
1
--
60
100
T
A = -55 TO +125°C
2, 3
125
On-Resistance Matching
Between Channels2, 3
R
ON
I
NO = -1.0 mA
V
COM = ±10V
T
A = +25°C
1
--
1.5
5
T
A = -55 TO +125°C
2, 3
8
On-Resistance Flatness2
R
FLAT
I
NO = -1.0 mA
V
COM = +5V or 0V
T
A = +25°C
1
--
1.8
7
T
A = -55 TO +125°C
2, 3
10
NO-Off Leakage Current4
I
NO(OFF)
V
COM = ±10
V
NO = ±10V
V
EN = 0V
T
A = -55 TO +125°C
9, 10, 11
-5.0
--
5.0
nA
COM-Off Leakage
Current4
I
COM(OFF)
V
COM = ±10
V
NO = ±10V
V
EN = 0V
T
A = -55 TO +125°C
9, 10, 11
-40
--
40
nA
COM-On Leakage
Current4
I
COM(ON)
V
COM = ±10
V
NO = ±10V
sequence each
switch on
T
A = -55 TO +125°C
9, 10, 11
-50
--
50
nA
INPUT
Input Current with Input
Voltage High
I
AH
V
A = 2.4V or 15V
1, 2, 3
-1.0
--
1.0
µA
Input Current with Input
Voltage Low
I
AL
V
EN = 0V or 2.4V,
V
A = 0V
1, 2, 3
-1.0
--
1.0
µA
SUPPLY
Power-Supply Range
1, 2, 3
±4.5
--
±20
V
Positive Supply Current
I+
V
EN = VA = 0V or
4.5V
T
A = +25°C
1
--
16
30
µA
T
A = -55 TO +125°
2, 3
75
V
EN = 2.4V,
V
A(ALL) = 0V or
2.4
T
A = +25°C
1
0.075
0.5
mA
T
A = -55 TO +125°C
12, 3
1
Negative Supply Current
I-
V
EN = 2.4V,
V
A = 0V or 2.4V
T
A = +25°C
1
-1
--
1
µA
T
A = -55 TO +125°C
2, 3
-10
10
DYNAMIC
Transition Time
t
TRANS
Figure 10
T
A = +25°C
9
--
110
300
ns
T
A = -55 TO +125°C
10, 11
400
Break-Before-Make Inter-
val
t
OPEN
Figure 12
T
A = +25°C
9
10
40
ns


Similar Part No. - 306RPFB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
306 CTS-306 Datasheet
228Kb / 2P
   Commercial miniature 6 mm square cermet trimmer potentiometer
logo
Enercon Technologies Eu...
306 ENERCON-306 Datasheet
383Kb / 3P
   An IP68 Military USB Hub
1232024
logo
EDAC, All Rights Reserv...
306-006-400-101 EDAC-306-006-400-101 Datasheet
478Kb / 3P
   306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-006-400-101 EDAC-306-006-400-101 Datasheet
129Kb / 2P
   306 Series,Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
306-006-400-102 EDAC-306-006-400-102 Datasheet
478Kb / 3P
   306 Series Card Edge Connector | Green | 0.156" (3.96mm) Centreline Spacing | 0.460" (11.68mm) Insulator Height
More results

Similar Description - 306RPFB

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
IH6208 HARRIS-IH6208 Datasheet
63Kb / 7P
   8-Channel CMOS Analog Multiplexer
logo
Intersil Corporation
HI-516 INTERSIL-HI-516 Datasheet
516Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
October 1999
logo
Renesas Technology Corp
HI-516 RENESAS-HI-516 Datasheet
619Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
logo
Intersil Corporation
IH6108 INTERSIL-IH6108 Datasheet
80Kb / 9P
   8-Channel CMOS Analog Multiplexer
HI-516 INTERSIL-HI-516_05 Datasheet
324Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM TI-CD74HC4067SM Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067M96 TI-CD74HCT4067M96 Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
logo
Intersil Corporation
HI3-0516-5 INTERSIL-HI3-0516-5 Datasheet
329Kb / 8P
   16-Channel/Differential 8-Channel, CMOS High Speed Analog Multiplexer
April 1, 2005
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067_13 Datasheet
780Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com