Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3SK131 Datasheet(PDF) 2 Page - NEC

Part # 3SK131
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

3SK131 Datasheet(HTML) 2 Page - NEC

  3SK131 Datasheet HTML 1Page - NEC 3SK131 Datasheet HTML 2Page - NEC 3SK131 Datasheet HTML 3Page - NEC 3SK131 Datasheet HTML 4Page - NEC 3SK131 Datasheet HTML 5Page - NEC 3SK131 Datasheet HTML 6Page - NEC 3SK131 Datasheet HTML 7Page - NEC 3SK131 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
3SK131
TYPICAL CHARACTERISTICS (TA = 25
C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ta-Ambient Temperature-
°C
50
75
100
125
25
0
100
400
300
200
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS-Drain to Source Voltage-V
10
0
10
20
VG2 = 3.0 V
VG1S = 0 V
−0.1
−0.2
−0.3
−0.4
−0.5
1 V
VG2S = 0
−0.6
DRAIN CURRENT vs.
GATE1 TO SOURCE VOLTAGE
VG1S-Gate 1 to Source Voltage-V
0
−1.0
+1.0
10
20
FORWARD TRANSFER ADMITTANCE vs.
GATE1 TO SOURCE VOLTAGE
VG1S-Gate 1 to Source Voltage-V
0
1.0
−1.0
0
10
20
30
40
VDS = 6 V
VG2S = 5 V
4 V
3 V
2 V
1 V
0 V
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID-Drain Current-mA
10
20
0
15
10
5
30
25
20
INPUT CAPACITANCE vs.
GATE2 TO SOURCE VOLTAGE
VG2S-Gate 2 to Source Voltage-V
0
1.0
2.0
3.0
4.0
−1.0
0
6.0
4.0
2.0
8.0
VDS = 6.0 V
f = 1 MHz
VDS = 6 V
VG2 = 3 V
f = 1.0 kHz
VG1S = 0.05 V
20


Similar Part No. - 3SK131

ManufacturerPart #DatasheetDescription
logo
NEC
3SK134B NEC-3SK134B Datasheet
48Kb / 5P
   RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
logo
Renesas Technology Corp
3SK134B RENESAS-3SK134B Datasheet
175Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
1993
logo
NEC
3SK135A NEC-3SK135A Datasheet
52Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL-GATE MOS FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD
logo
Renesas Technology Corp
3SK135A RENESAS-3SK135A Datasheet
179Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1995
logo
NEC
3SK135A-T1 NEC-3SK135A-T1 Datasheet
52Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL-GATE MOS FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD
More results

Similar Description - 3SK131

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com