Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM9373SF Datasheet(PDF) 2 Page - International Rectifier

Part # OM9373SF
Description  FULL-FEATURED POWER MODULE FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM9373SF Datasheet(HTML) 2 Page - International Rectifier

  OM9373SF Datasheet HTML 1Page - International Rectifier OM9373SF Datasheet HTML 2Page - International Rectifier OM9373SF Datasheet HTML 3Page - International Rectifier OM9373SF Datasheet HTML 4Page - International Rectifier OM9373SF Datasheet HTML 5Page - International Rectifier OM9373SF Datasheet HTML 6Page - International Rectifier OM9373SF Datasheet HTML 7Page - International Rectifier OM9373SF Datasheet HTML 8Page - International Rectifier OM9373SF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
OM9373
2
www.irf.com
* T
CASE
= 25°C
* * T
CASE
= 25°C, Maximum pulse width = 10 mS
Note 1: Logic Inputs: Direction, Hall Inputs (H1--- H3) Overvoltage - Coast, Speed, and Quad Select.
Note 2: The internal 5m
Ω current sense resistor is limited to 6 Wdc power disipation. Other values are avaliable.
Please contact International Rectifier for more information.
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Motor Supply Voltage
Vm
80
Peak Motor Supply Voltage
Vm pk
100
Average Phase Output Current
Io
25
A*
Peak Phase Output Current
Iom
50
Apeak **
Control Supply Voltage
Vcc
+18
Logic Input Voltage (Note 1)
-0.3 to +8.0
Reference Source Current
-30
mA
Error Amplifier Input Voltage Range
( EA1+ / EA1-)
-0.3 to +10
V
Error Amplifier Output Current
±8
mA
Spare Amplifier Input Voltage
( EA2+ / EA2-)
-0.3 to +10
V
Spare Amplifier Output Current
±8
mA
Current Sense Amplifier Input Voltage
(ISH / ISL)
-0.3 to +6.0
V
Current Sense Amplifier Output Current
Tachometer Output Current
PWM Input Voltage
-0.3 to +6.0
V
Operating Junction Temperature
-55 to 150
Storage Temperature Range
-65 to 150
°C
Lead Soldering Temperature, 10s maximum, 0.125" from case
300
Package Isolation Voltage
600
Vrms
Power Switch Junction-to-Case Thermal Resistance
RθJC
0.35
°C/W
V
±10
mA
V
Recommended Operating Conditions ( Tcase = 25°C )
Parameter
Symbol
Value
Units
Motor Power Supply Voltage
Vm
+48
V
Average Phase Output Current
With Internal Current Sense Resistor ( Note2 )
Io
25
A
Each Power Switch
Control Supply Voltage
Vcc
15+10%
Logic Low Input Voltage (maximum)
Vil
0.8
V
Logic High Input Voltage (minimum)
Vih
2.0


Similar Part No. - OM9373SF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM9371 IRF-OM9371 Datasheet
142Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
List of Unclassifed Man...
OM9375 ETC1-OM9375 Datasheet
141Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
More results

Similar Description - OM9373SF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM9369 IRF-OM9369 Datasheet
149Kb / 14P
   FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
logo
List of Unclassifed Man...
OM9369CM ETC-OM9369CM Datasheet
121Kb / 10P
   FULL-FEATURED POWER MODULE FOR HIGH-VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
OMC507 ETC-OMC507 Datasheet
118Kb / 8P
   FULL-FEATURED CIRCUIT BOARD ASSEMBLY FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
logo
International Rectifier
IR3230S IRF-IR3230S Datasheet
451Kb / 22P
   3 PHASE CONTROLLER FOR DC BRUSHLESS MOTOR
logo
Toshiba Semiconductor
TA8479F TOSHIBA-TA8479F Datasheet
621Kb / 19P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR VIDEO CAMERA
logo
Rohm
BD67891MUV ROHM-BD67891MUV Datasheet
1Mb / 20P
   For 3-phase DC Brushless Motor Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com