Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2069-03GITR Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # MK2069-03GITR
Description  VCXO-Based Clock Translator with High Multiplication
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2069-03GITR Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button MK2069-03GITR Datasheet HTML 4Page - Integrated Circuit Systems MK2069-03GITR Datasheet HTML 5Page - Integrated Circuit Systems MK2069-03GITR Datasheet HTML 6Page - Integrated Circuit Systems MK2069-03GITR Datasheet HTML 7Page - Integrated Circuit Systems MK2069-03GITR Datasheet HTML 8Page - Integrated Circuit Systems MK2069-03GITR Datasheet HTML 9Page - Integrated Circuit Systems MK2069-03GITR Datasheet HTML 10Page - Integrated Circuit Systems MK2069-03GITR Datasheet HTML 11Page - Integrated Circuit Systems MK2069-03GITR Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
VCXO-Based Clock Translator with High Multiplication
MDS 2069-03 I
8
Revision 050203
Integrated Circuit Systems, Inc. l 525 Race Street, San Jose, CA 95126 l tel (408) 295-9800 l
www.icst.com
MK2069-03
VCXO Gain (KO) vs. XTAL Frequency
Example Loop Filter Component Value
Notes:
1) This filter configuration assures a passband ripple compliant with Bellcore GR-1244-CORE to satisfy
wander transfer requirements (<0.2 dB ripple is required) of a network node. It can be used following a
system synchronizer such as the MT9045 to provide clock jitter attenuation while maintaining Stratum 3
compliance. A 155.52 MHz TCLK output generated with the VCXO PLL configuration will be OC-3 and OC-12
timing jitter compliant.
2) This is a reduced cost and size variant of the above filter, due to the decreased size of CS. It is useful when
GR-1244-CORE compliance is not needed.
3) This configuration is used to generate a DS3 clock of 44.736 MHz at the TCLK output. This configuration
is GR-1244-CORE compliant when used following a system synchronizer.
Loop Filter Capacitor Type
Loop filters must use specific types of capacitors.
Recommendations for these capacitors can be found at
www.icst.com.
10
20
1 5
25
30
2000
3000
4000
5000
6000
1000
C rystal F requ e ncy, M H z
Phase
Detector
Frequency
Xtal
Freq
(MHz)
SV
Div
VCLK
(MHz)
FV Div x
FPV Div
RSET
RS
CS
CP
Loop
BW
(-3dB)
Loop
Damp.
Passband
Peaking
Note
8 kHz
19.44
1
19.44
2430
1 M
Ω 560 kΩ 1 µF
4.7 nF
22 Hz
4.0
0.15dB at 1Hz
1
8 kHz
19.44
1
19.44
2430
1 M
Ω 560 kΩ 0.1 µF 4.7 nF 27 Hz
1.4
1.2dB at 6Hz
2
8 kHz
22.368
1
22.368
2796
1 M
Ω 680 kΩ 1 µF
4.7 nF
20 Hz
4.5
0.12dB at 1Hz
3


Similar Part No. - MK2069-03GITR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK2069-03GITR IDT-MK2069-03GITR Datasheet
397Kb / 21P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
logo
Renesas Technology Corp
MK2069-03GITR RENESAS-MK2069-03GITR Datasheet
388Kb / 22P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
060512
More results

Similar Description - MK2069-03GITR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK2069-03 IDT-MK2069-03 Datasheet
397Kb / 21P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
logo
Renesas Technology Corp
MK2069-03 RENESAS-MK2069-03 Datasheet
388Kb / 22P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
060512
MK2069-04 RENESAS-MK2069-04 Datasheet
392Kb / 21P
   VCXO-BASED UNIVERSAL CLOCK TRANSLATOR
051310
logo
Integrated Circuit Syst...
MK2069-04 ICST-MK2069-04 Datasheet
355Kb / 19P
   VCXO-Based Universal Clock Translator
MK2059-01 ICST-MK2059-01 Datasheet
151Kb / 10P
   VCXO-Based Frame Clock Frequency Translator
logo
Renesas Technology Corp
MK2059-01 RENESAS-MK2059-01 Datasheet
465Kb / 12P
   VCXO-BASED FRAME CLOCK FREQUENCY TRANSLATOR
051310
logo
Crystek Corporation
CVH-731_751 CRYSTEKCRYSTAL-CVH-731_751 Datasheet
570Kb / 3P
   Straight Multiplication HCMOS VCXO
logo
Connor-Winfield Corpora...
VXHF-300 CONNOR-WINFIELD-VXHF-300 Datasheet
65Kb / 1P
   VCXO USING FREQUENCY MULTIPLICATION
logo
Integrated Circuit Syst...
MK2069-01 ICST-MK2069-01 Datasheet
344Kb / 19P
   VCXO-Based Line Card Clock Synchronizer
logo
Renesas Technology Corp
MK2069-01 RENESAS-MK2069-01 Datasheet
411Kb / 22P
   VCXO-BASED LINE CARD CLOCK SYNCHRONIZER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com