Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2069-03 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK2069-03
Description  VCXO-Based Clock Translator with High Multiplication
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2069-03 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK2069-03 Datasheet HTML 1Page - Integrated Circuit Systems MK2069-03 Datasheet HTML 2Page - Integrated Circuit Systems MK2069-03 Datasheet HTML 3Page - Integrated Circuit Systems MK2069-03 Datasheet HTML 4Page - Integrated Circuit Systems MK2069-03 Datasheet HTML 5Page - Integrated Circuit Systems MK2069-03 Datasheet HTML 6Page - Integrated Circuit Systems MK2069-03 Datasheet HTML 7Page - Integrated Circuit Systems MK2069-03 Datasheet HTML 8Page - Integrated Circuit Systems MK2069-03 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
VCXO-Based Clock Translator with High Multiplication
MDS 2069-03 I
2
Revision 050203
Integrated Circuit Systems, Inc. l 525 Race Street, San Jose, CA 95126 l tel (408) 295-9800 l
www.icst.com
MK2069-03
Pin Assignment
VCXO PLL Feedback Pre-Divider Selection
VCXO PLL Feedback Divider Selection
VCXO PLL Scaling Divider Selection Table
Translator PLL Reference Divider Selection
Table
Translator PLL Feedback Divider Selection
Translator PLL Scaling Divider Selection Table
FPV5:0 FPV Divider Ratio
Notes
000000
2
FPV Divide = Address + 2
000001
3
::
111111
65
21
FV0
22
FV1
23
FV2
24
FV3
1
ST 0
2
ST 1
3
RT 0
4
RT 1
5
FT 0
6
FT 1
7
FT 2
8
FT 3
9
FT 4
10
FT 5
11
FPV0
12
VD D T
13
GN D T
14
X1
15
V DDV
16
X2
17
GN D V
18
LF R
19
LF
20
ISET
25
FV4
26
FV5
27
FV6
28
FV7
36
35
34
33
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
32
31
30
29
CL R
IC L K
FPV2
FPV1
SV 2
SV 1
SV 0
FPV5
FPV4
FPV3
OE L
OE T
OE V
OE R
VD D
LD
TC LK
VD D P
VC LK
GN D P
RC L K
LD R
GN D
LD C
FV1 1
FV1 0
FV9
FV8
FV11:0 FV Divider Ratio
Notes
0...00
2
For FV addresses 0 to 4094,
FV Divide = Address + 2
0...01
3
::
1...10
4096
1...11
1
SV2
SV1
SV0
SV Divider Ratio
00
0
4
00
1
6
01
0
8
01
1
10
10
0
12
10
1
2
11
0
16
11
1
1
RT1
RT0
RT Divider Ratio
00
2
01
3
10
4
11
1
FT5:0
FT Divider Ratio
Notes
000000
2
For FT addresses 0 to 62,
FT Divide = Address + 2
000001
3
::
111110
64
111111
1
ST1
ST0
ST Divider Ratio
00
2
01
4
10
8
11
16


Similar Part No. - MK2069-03

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK2069-03 IDT-MK2069-03 Datasheet
397Kb / 21P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
logo
Renesas Technology Corp
MK2069-03 RENESAS-MK2069-03 Datasheet
388Kb / 22P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
060512
logo
Integrated Device Techn...
MK2069-03GI IDT-MK2069-03GI Datasheet
397Kb / 21P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
logo
Renesas Technology Corp
MK2069-03GI RENESAS-MK2069-03GI Datasheet
388Kb / 22P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
060512
logo
Integrated Device Techn...
MK2069-03GITR IDT-MK2069-03GITR Datasheet
397Kb / 21P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
More results

Similar Description - MK2069-03

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK2069-03 IDT-MK2069-03 Datasheet
397Kb / 21P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
logo
Renesas Technology Corp
MK2069-03 RENESAS-MK2069-03 Datasheet
388Kb / 22P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
060512
MK2069-04 RENESAS-MK2069-04 Datasheet
392Kb / 21P
   VCXO-BASED UNIVERSAL CLOCK TRANSLATOR
051310
logo
Integrated Circuit Syst...
MK2069-04 ICST-MK2069-04 Datasheet
355Kb / 19P
   VCXO-Based Universal Clock Translator
MK2059-01 ICST-MK2059-01 Datasheet
151Kb / 10P
   VCXO-Based Frame Clock Frequency Translator
logo
Renesas Technology Corp
MK2059-01 RENESAS-MK2059-01 Datasheet
465Kb / 12P
   VCXO-BASED FRAME CLOCK FREQUENCY TRANSLATOR
051310
logo
Crystek Corporation
CVH-731_751 CRYSTEKCRYSTAL-CVH-731_751 Datasheet
570Kb / 3P
   Straight Multiplication HCMOS VCXO
logo
Connor-Winfield Corpora...
VXHF-300 CONNOR-WINFIELD-VXHF-300 Datasheet
65Kb / 1P
   VCXO USING FREQUENCY MULTIPLICATION
logo
Integrated Circuit Syst...
MK2069-01 ICST-MK2069-01 Datasheet
344Kb / 19P
   VCXO-Based Line Card Clock Synchronizer
logo
Renesas Technology Corp
MK2069-01 RENESAS-MK2069-01 Datasheet
411Kb / 22P
   VCXO-BASED LINE CARD CLOCK SYNCHRONIZER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com