Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD66720 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD66720
Description  Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66720 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD66720 Datasheet HTML 1Page - Hitachi Semiconductor HD66720 Datasheet HTML 2Page - Hitachi Semiconductor HD66720 Datasheet HTML 3Page - Hitachi Semiconductor HD66720 Datasheet HTML 4Page - Hitachi Semiconductor HD66720 Datasheet HTML 5Page - Hitachi Semiconductor HD66720 Datasheet HTML 6Page - Hitachi Semiconductor HD66720 Datasheet HTML 7Page - Hitachi Semiconductor HD66720 Datasheet HTML 8Page - Hitachi Semiconductor HD66720 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 97 page
background image
HD66727
2
• 11,520-bit character generator ROM
 240 characters (6 × 8 dots)
• 32 × 6-bit character generator RAM
 4 characters (6 × 8 dots)
• 8 × 6-bit segment RAM
 40 segment-icons and marks max
• 60-segment × 34-common liquid crystal display driver
• Programmable display sizes and duty ratios (see Table 1)
• Vertical smooth scroll
• Vertical double-height display of all character fonts
• Horizontal double display with dedicated character fonts (6-dot font width used)
• Wide range of instruction functions:
 Clear display, display on/off control, icon and mark control, character blink, white-black inverting
blinking cursor, icon and mark blink, return home, cursor on/off, white-black inverting raster-row
• Internal oscillation with an external resistor
• Hardware reset
• Wide range of LCD drive voltages
 3.0V to 13.0V
• Slim chip with bumps for chip-on-glass (COG) mounting, slim chip without bumps for chip-on-board
(COB) mounting, and tape carrier package (TCP) (under development)
Table 1
Programmable Display Sizes and Duty Ratios
Display
Size
Duty
Ratio
Oscillation
Frequency
Current
Consumption
Multi-
plexed-
Drive
Segments
Static-
Drive
Annu-
nciators
Scanned
Keys
LED
Drive
General
Port
1 line
× 12
characters
1/10
40 kHz
8
µA
40
12
32 (4
× 8) 3
3
2 lines
× 12
characters
1/18
80 kHz
15
µA
40
12
32 (4
× 8) 3
3
3 lines
× 12
characters
1/26
120 kHz
23
µA
40
12
32 (4
× 8) 3
3
4 lines
× 12
characters
1/34
160 kHz
30
µA
40
12
32 (4
× 8) 3
3
Note:
Current consumption excludes that for LCD power supply source; V
CC = 3V.


Similar Part No. - HD66720

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66724 HITACHI-HD66724 Datasheet
834Kb / 117P
   (Graphics LCD Controller/Driver with Key Scan Function)
HD66724 HITACHI-HD66724 Datasheet
2Mb / 96P
   128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
HD66725 HITACHI-HD66725 Datasheet
834Kb / 117P
   (Graphics LCD Controller/Driver with Key Scan Function)
HD66725 HITACHI-HD66725 Datasheet
2Mb / 96P
   128 x 128-dot Graphics LCD Controller/Driver with Four-grayscale Functions
HD66725 HITACHI-HD66725 Datasheet
813Kb / 95P
   112 x 80-dot Graphics LCD Controller/Driver
More results

Similar Description - HD66720

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
logo
New Japan Radio
NJU6475B NJRC-NJU6475B Datasheet
2Mb / 45P
   12-Character 4-Line Dot Matrix Low Power LCD Controller Driver with key Scan Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com