Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM514262-10 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM514262-10
Description  262,144-Word x 4-Bit Multiport DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514262-10 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM514262-10 Datasheet HTML 1Page - OKI electronic componets MSM514262-10 Datasheet HTML 2Page - OKI electronic componets MSM514262-10 Datasheet HTML 3Page - OKI electronic componets MSM514262-10 Datasheet HTML 4Page - OKI electronic componets MSM514262-10 Datasheet HTML 5Page - OKI electronic componets MSM514262-10 Datasheet HTML 6Page - OKI electronic componets MSM514262-10 Datasheet HTML 7Page - OKI electronic componets MSM514262-10 Datasheet HTML 8Page - OKI electronic componets MSM514262-10 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
¡ Semiconductor
MSM514262
5/45
DC Characteristics 2
-70
-80
-10
Unit Note
Symbol
Item (RAM)
SAM
Max. Max. Max.
85
75
65
mA
1, 2
ICC1
Operating Current
Standby
120
110
100
1, 2
(RAS, CAS Cycling, tRC = tRC min.)
Active
888
Standby Current
50
45
40
1, 2
(RAS, CAS = VIH)
85
75
65
1, 2
RAS Only Refresh Current
120
110
100
1, 2
(RAS Cycling, CAS = VIH, tRC = tRC min.)
70
65
60
1, 2
Page Mode Current
120
110
100
1, 2
(RAS = VIL, CAS Cycling, tPC = tPC min.)
85
75
65
1, 2
CAS before RAS Refresh Current
120
110
100
1, 2
(RAS Cycling, CAS before RAS, tRC = tRC min.)
85
75
65
1, 2
Data Transfer Current
120
110
100
1, 2
(RAS, CAS Cycling, tRC = tRC min.)
85
75
65
1, 2
Flash Write Current
120
110
100
1, 2
(RAS, CAS Cycling, tRC = tRC min.)
85
75
65
1, 2
Block Write Current
120
110
100
1, 2
(RAS, CAS Cycling, tRC = tRC min.)
ICC1A
ICC2
ICC2A
ICC3
ICC3A
ICC4
ICC4A
ICC5
ICC5A
ICC6
ICC6A
ICC7
ICC7A
ICC8
ICC8A
Standby
Active
Standby
Active
Standby
Active
Standby
Active
Standby
Active
Standby
Active
Standby
Active
(VCC = 5 V ±10%, Ta = 0°C to 70°C)
3


Similar Part No. - MSM514262-10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260CSL OKI-MSM514260CSL Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
184Kb / 14P
   262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM514262-10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514252A OKI-MSM514252A Datasheet
358Kb / 33P
   262,144-Word x 4-Bit Multiport DRAM
MSM548262 OKI-MSM548262 Datasheet
464Kb / 37P
   262,144-Word x 8-Bit Multiport DRAM
MSM54V16272 OKI-MSM54V16272 Datasheet
369Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM54V16282 OKI-MSM54V16282 Datasheet
368Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416272 OKI-MSM5416272 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416282 OKI-MSM5416282 Datasheet
367Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM548263 OKI-MSM548263 Datasheet
392Kb / 40P
   262,144-Word x 8-Bit Multiport DRAM
MSM54V16283 OKI-MSM54V16283 Datasheet
389Kb / 42P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416262 OKI-MSM5416262 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416263 OKI-MSM5416263 Datasheet
359Kb / 40P
   262,144-Word x 16-Bit Multiport DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com