Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMH4042AGBLN Datasheet(PDF) 9 Page - Summit Microelectronics, Inc.

Part # SMH4042AGBLN
Description  Distributed Power Hot-Swap Controller for CompactPCI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042AGBLN Datasheet(HTML) 9 Page - Summit Microelectronics, Inc.

Back Button SMH4042AGBLN Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4042AGBLN Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4042AGBLN Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042AGBLN Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042AGBLN Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4042AGBLN Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4042AGBLN Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4042AGBLN Datasheet HTML 12Page - Summit Microelectronics, Inc. SMH4042AGBLN Datasheet HTML 13Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
2070
9.1 5/27/03
SMH4042A
SUMMIT MICROELECTRONICS, Inc.
9
Figure 2. Loss-of-Voltage Timing Sequence
Figure 3. Circuit Breaker Timing Sequence
MONITORING POWER SUPPLY HEALTH
MONITOR INPUTS
The SMH4042A has a total of six comparators that are
used to monitor the health of the host platform supplies and
the card-side (backend) voltages. In hot swap applications
each supply going to the backend logic needs to be
monitored at three points.
The first point is at the source on the host connector, VCC
and HST_3V_MON. If this voltage is not within specifi-
cation, then the down stream sequencing of powering-on
the backend logic will not proceed.
The next stage (the CBI inputs) is one step closer to the
backend logic to monitor the current flowing into the
backend logic. This can not exceed the specification;
however, If it does, then the SMH4042A must turn off the
source to the backend logic.
The CARD_5V_MON and CARD_3V_MON inputs are
used to sense the actual voltage level in the backend
logic. If either comparator detects a low voltage condition
the backend logic will be placed in a reset condition
(LOCAL_PCI_RST# asserted), but the VGATE outputs
will remain active so long as the host voltage and current
sense are valid.
VCC vs. HST_3V_MON
The VCC input is the supply input and in a CompactPCI
application this pin must connect to an early power pin on
the host connector. The HST_3V_MON input is strictly
a voltage monitoring input, it is not a supply input. The
operating supply voltage range on the VCC pin is 2.7V to
5.5V, but it will only monitor a 5V supply. This is not an
issue with a dual supply application. But in a single supply
application these two pins must be shorted and VSEL
conditioned.
Programmable VTRIP Thresholds
The host voltage monitors and the backend voltage
monitors are programmable (by the factory) and provide
a number of options to the end user. The VCC monitor VTRIP
level can be selected for either a 5% or 10% supply with
default values of 4.25V or 4.625V. The HST_3V_MON
VTRIP level can be programmed to 2.65V, 2.8V, 2.95V and
3.1V.
The CARD_5V_MON and CARD_3V_MON thresholds
are set in relation to their corresponding host voltage
monitor thresholds. Their offset can be either +50mV or
–50mV. This allows the designer to select +50mV if they
want a collapse in the backend voltage to trigger a local
reset condition prior to the host supply collapsing and
powering down the board without warning. Alternatively
they can choose –50mV to trigger a board shutdown
based on the host power supply falling out of spec.
Also see Figure 2
VCC or
HST_3V_MON
HEALTHY# &
LOCAL_PCI_RST#
VGATE3 &
VGATE5
CARD_3V_MON or
CARD_5V_MON
DRVREN# &
SGNL_VLD#
tVTPD
tVTR
VTRIP
2070 Fig02
VTRIP
PCI_RST#
VGATE3 &
VGATE5
CBI_3 or
CBI_5
FAULT#
tCBTC
2070 Fig03


Similar Part No. - SMH4042AGBLN

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGM SUMMIT-SMH4042G-AGM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGN SUMMIT-SMH4042G-AGN Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHM SUMMIT-SMH4042G-AHM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHN SUMMIT-SMH4042G-AHN Datasheet
225Kb / 28P
   Hot Swap??Controller
More results

Similar Description - SMH4042AGBLN

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com