Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS950508YFLF-T Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950508YFLF-T
Description  Programmable Timing Control HubTM for PII/IIITTM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950508YFLF-T Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950508YFLF-T Datasheet HTML 1Page - Integrated Circuit Systems ICS950508YFLF-T Datasheet HTML 2Page - Integrated Circuit Systems ICS950508YFLF-T Datasheet HTML 3Page - Integrated Circuit Systems ICS950508YFLF-T Datasheet HTML 4Page - Integrated Circuit Systems ICS950508YFLF-T Datasheet HTML 5Page - Integrated Circuit Systems ICS950508YFLF-T Datasheet HTML 6Page - Integrated Circuit Systems ICS950508YFLF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS950508YFLF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS950508YFLF-T Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Integrated
Circuit
Systems, Inc.
ICS950508
0470E—04/06/05
Block Diagram
Pin Configuration
Recommended Application:
810/810E/815 and 815 B-Step type chipset
Output Features:
2 - CPUs @ 2.5V
13 - SDRAM @ 3.3V
3 - 3V66 @ 3.3V
8 - PCI @3.3V
1 - 24/48MHz@ 3.3V
1 - 48MHz @ 3.3V fixed
1 - REF @3.3V, 14.318MHz
Features/Benefits:
Programmable output frequency.
Programmable output divider ratios.
Programmable output rise/fall time.
Programmable output skew.
Programmable spread percentage for EMI control.
Watchdog timer technology to reset system
if system malfunctions.
Programmable watch dog safe frequency.
Support I
2C Index read/write and block read/write
operations.
Uses external 14.318MHz crystal.
Key Specifications:
CPU Output Jitter: <250ps
IOAPIC Output Jitter: <500ps
48MHz, 3V66, PCI Output Jitter: <500ps
Ref Output Jitter. <1000ps
CPU Output Skew: <175ps
PCI Output Skew: <500ps
3V66 Output Skew <175ps
For group skew timing, please refer to the
Group Timing Relationship Table.
Programmable Timing Control Hub™ for PII/III™
1. These pins will have 1.5 to 2X drive strength.
* Internal Pull-up resistor of 120K to VDD
56-Pin 300-mil SSOP
VDDREF
X1
X2
GND
GND
3V66_0
3V66_1
3V66_2
VDD3V66
VDDPCI
*FS0/PCICLK0
*FS1/PCICLK1
*SEL24_48#/PCICLK2
GND
PCICLK3
PCICLK4
PCICLK5
VDDPCI
PCICLK6
PCICLK7
GND
Vtt_PWRGD/PD#
SCLK
SDATA
VDDSDR
SDRAM11
SDRAM10
GND
1
1
1
REF0/FS4 *
VDDLAPIC
IOAPIC
VDDLCPU
CPUCLK0
CPUCLK1
GND
GND
SDRAM0
SDRAM1
SDRAM2
VDDSDR
SDRAM3
SDRAM4
SDRAM5
GND
SDRAM6
SDRAM7
SDRAM_F
VDDSDR
GND
24_48MHz/FS2*
48MHZ/FS3*
VDD48
VDDSDR
SDRAM8
SDRAM9
GND
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
PLL2
PLL1
Spread
Spectrum
48MHz
24_48MHz
CPUCLK (1:0)
2
12
8
3
SDRAM (11:0)
IOAPIC
PCICLK (7:0)
SDRAM_F
3V66 (2:0)
X1
X2
XTAL
OSC
CPU
DIVDER
SDRAM
DIVDER
IOAPIC
DIVDER
PCI
DIVDER
3V66
DIVDER
FS(4:0)
PD#
SEL24_48#
Vtt_PWRGD
SDATA
SCLK
Control
Logic
Config.
Reg.
/ 2
REF0


Similar Part No. - ICS950508YFLF-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS950508 RENESAS-ICS950508 Datasheet
353Kb / 20P
   Programmable Timing Control Hub™ for PII/III™
2019
More results

Similar Description - ICS950508YFLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950202 ICST-ICS950202 Datasheet
162Kb / 19P
   Programmable Timing Control HubTM for P4TM
logo
Renesas Technology Corp
ICS950202 RENESAS-ICS950202 Datasheet
416Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
   Programmable Timing Control HubTM for P4TM
01/25/10
ICS951104 RENESAS-ICS951104 Datasheet
584Kb / 21P
   Programmable Timing Control HubTM for P4TM
2019
logo
Integrated Device Techn...
9E4101AFILF IDT-9E4101AFILF Datasheet
194Kb / 19P
   Programmable Timing Control HubTM for Intel Systems
logo
Renesas Technology Corp
ICS9E4101 RENESAS-ICS9E4101 Datasheet
329Kb / 20P
   Programmable Timing Control HubTM for Intel Systems
2019
logo
Integrated Device Techn...
ICS9E4101 IDT-ICS9E4101 Datasheet
194Kb / 19P
   Programmable Timing Control HubTM for Intel Systems
logo
Integrated Circuit Syst...
ICS952801 ICST-ICS952801 Datasheet
191Kb / 22P
   Programmable Timing Control HubTM for K8TM processor
ICS950602 ICST-ICS950602 Datasheet
147Kb / 16P
   Programmable Timing Control Hub for PII/III
logo
Renesas Technology Corp
954226 RENESAS-954226 Datasheet
207Kb / 22P
   Programmable Timing Control HubTM for Mobile P4TM Systems
04/13/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com