Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM514262-80 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM514262-80
Description  262,144-Word x 4-Bit Multiport DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514262-80 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM514262-80 Datasheet HTML 5Page - OKI electronic componets MSM514262-80 Datasheet HTML 6Page - OKI electronic componets MSM514262-80 Datasheet HTML 7Page - OKI electronic componets MSM514262-80 Datasheet HTML 8Page - OKI electronic componets MSM514262-80 Datasheet HTML 9Page - OKI electronic componets MSM514262-80 Datasheet HTML 10Page - OKI electronic componets MSM514262-80 Datasheet HTML 11Page - OKI electronic componets MSM514262-80 Datasheet HTML 12Page - OKI electronic componets MSM514262-80 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
¡ Semiconductor
MSM514262
9/45
Notes:
1. These parameters depend on output loading. Specified values are obtained with
the output open.
2. These parameters are masured at minimum cycle test.
3. ICC2 (Max.) are mesured under the condition of TTL input level.
4. VIH (Min.) and VIL (Max.) are reference levels for measuring timing of input signals.
Also, transition times are measured between VIH and VIL.
5. An initial pause of 200 ms is required after power-up followed by any 8 RAS cycles
(DT/OE “high”) and any 8 SC cycles before proper divice operation is achieved. In
the case of using an internal refresh counter, a minimum of 8 CAS before RAS
initialization cycles in stead of 8 RAS cycles are required.
6. AC measurements assume tT = 5 ns.
7. RAM port outputs are mesured with a load equivalent to 1 TTL load and 100 pF.
Output reference levels are VOH/VOL = 2.4 V/0.8 V.
8. SAM port outputs are measured with a load equivalent to 1 TTL load and 30 pF.
Output reference levels are VOH/VOL = 2.0 V/0.8 V.
9. tOFF (Max.), tOEZ (Max.), tSDZ (Max.) and tSEZ (Max.) difine the time at which the
outputs achieve the open circuit condition and are not reference to output voltage
levels.
10. Either tRCH or tRRH must be satisfied for a read cycle.
11. These parameters are referenced to CAS leading edge of early write cycles and to
WB/WE leading edge in OE controlled write cycles and read modify write cycles.
12. tWCS, tRWD, tCWD and tAWD are not restrictive operating parameters. They are
included in the data sheet as electrical characteristics only.
If tWCS ≥ tWCS (Min.), the cycle is an early write cycle, and the data out pin will
remain open circuit (high impedance) throughout the entire cycle : If tRWD ≥ tRWD
(Min.), tCWD ≥ tCWD (Min.) and tAWD ≥ tAWD (Min.) the cycle is a read-write cycle
and the data out will contain data read from the selected cell : If neither of the above
sets of conditions is satisfied, the condition of the data out (at access time) is
indterminate.
13. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met. tRCD
(Max.) is specified as a reference point only : If tRCD is greater than the specified tRCD
(Max.) limit, then access time is controlled by tCAC.
14. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met. tRAD
(Max.) is specified as a reference point only : If tRAD is greater than the specified tRAD
(Max.) limit, then access time is controlled by tAA.
15. Input levels at the AC parameter measurement are 3.0 V/0 V.
16. Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permenent damege to the device.
17. All voltages are referenced to VSS.


Similar Part No. - MSM514262-80

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260CSL OKI-MSM514260CSL Datasheet
263Kb / 16P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
184Kb / 14P
   262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM514262-80

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514252A OKI-MSM514252A Datasheet
358Kb / 33P
   262,144-Word x 4-Bit Multiport DRAM
MSM548262 OKI-MSM548262 Datasheet
464Kb / 37P
   262,144-Word x 8-Bit Multiport DRAM
MSM54V16272 OKI-MSM54V16272 Datasheet
369Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM54V16282 OKI-MSM54V16282 Datasheet
368Kb / 39P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416272 OKI-MSM5416272 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416282 OKI-MSM5416282 Datasheet
367Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM548263 OKI-MSM548263 Datasheet
392Kb / 40P
   262,144-Word x 8-Bit Multiport DRAM
MSM54V16283 OKI-MSM54V16283 Datasheet
389Kb / 42P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416262 OKI-MSM5416262 Datasheet
339Kb / 37P
   262,144-Word x 16-Bit Multiport DRAM
MSM5416263 OKI-MSM5416263 Datasheet
359Kb / 40P
   262,144-Word x 16-Bit Multiport DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com