Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8040G3 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN8040G3
Description  4-Channel Motor Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8040G3 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN8040G3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8040G3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8040G3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8040G3 Datasheet HTML 9Page - Fairchild Semiconductor FAN8040G3 Datasheet HTML 10Page - Fairchild Semiconductor FAN8040G3 Datasheet HTML 11Page - Fairchild Semiconductor FAN8040G3 Datasheet HTML 12Page - Fairchild Semiconductor FAN8040G3 Datasheet HTML 13Page - Fairchild Semiconductor FAN8040G3 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
FAN8040
10
• Internal primary filter is composed of sourcing/sinking current source of 25uA and forward/reverse controlled switches.
• It converts "FWD/REV" digital signals to analog signal as shown Figure. 2.
Figure 3. Operartion waveforms of BTL Driver (CH1, CH2 and CH3)
• If the forward input signal is high level (avobe 2.4V) and reverse input signal is low level (under 0.5V), then the forward
current source switch S1and reverse current source switch S2 become turn-on and turn-off, respectively.
• This causes the internal capacitor, C1, to be charged with sourcing current source of 25uA and consequently the voltage of
the filter output, VA, increases with the internal time constant of 2.5usec.
• The time constant is
Where, R is 100 [㏀] and C is 25[pF].
• The output voltages of power amplifers, VOUTF and VOUTR, are given as:
Input
0V
0V
5V
FWD
REV
1V/usec
0V
V
REF
OUTF
OUTR
Output
Output
0V
V
REF
OUTF
OUTR
Input
0V
0V
5V
FWD
REV
)
]
[
5
.
2
:
(
],
[
5
.
2
1
1
V
input
reverse
Or
V
R
I
V
A
×
=
sec]
[
5
.
2 u
C
R
=
×
]
[
]
[
V
V
V
V
V
V
V
V
A
REF
OUTR
A
REF
OUTF
=
+
=


Similar Part No. - FAN8040G3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8042 FAIRCHILD-FAN8042 Datasheet
223Kb / 18P
   5-CH Motor Driver
FAN8045G3 FAIRCHILD-FAN8045G3 Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
FAN8045G3NL FAIRCHILD-FAN8045G3NL Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
FAN8045G3X FAIRCHILD-FAN8045G3X Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
FAN8045G3XNL FAIRCHILD-FAN8045G3XNL Datasheet
237Kb / 16P
   4-CH Motor Driver (5 Input & 4 Output)
More results

Similar Description - FAN8040G3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
   4-Channel Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
   4-Channel Motor Driver
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
KA3022D FAIRCHILD-KA3022D Datasheet
199Kb / 12P
   4-Channel Motor Driver
KA3027D2 FAIRCHILD-KA3027D2 Datasheet
282Kb / 14P
   4-Channel Motor Driver
FAN8024D FAIRCHILD-FAN8024D Datasheet
192Kb / 11P
   4-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com