Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT54ACTS04 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UT54ACTS04
Description  Radiation-Hardened Hex Inverters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT54ACTS04 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UT54ACTS04 Datasheet HTML 1Page - List of Unclassifed Manufacturers UT54ACTS04 Datasheet HTML 2Page - List of Unclassifed Manufacturers UT54ACTS04 Datasheet HTML 3Page - List of Unclassifed Manufacturers UT54ACTS04 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RadHard MSI Logic
12
UT54ACS04/UT54ACTS04
Notes:
1. Functional tests are conducted in accordance with MIL-STD-883 with the following input test conditions: VIH = VIH(min) + 20%, - 0%; VIL = VIL(max) + 0%,
- 50%, as specified herein, for TTL, CMOS, or Schmitt compatible inputs. Devices may be tested using any input voltage within the above specified range, but
are guaranteed to VIH(min) and VIL(max).
2. Supplied as a design limit but not guaranteed or tested.
3. Per MIL-PRF-38535, for current density
5.0E5 amps/cm2, the maximum product of load capacitance (per output buffer) times frequency should not exceed
3,765 pF/MHz.
4. Not more than one output may be shorted at a time for maximum duration of one second.
5. Capacitance measured for initial qualification and when design changes may affect the value. Capacitance is measured between the designated terminal and VSSsat
frequency of 1MHz and a signal amplitude of 50mV rms maximum.
6. Maximum allowable relative shift equals 50mV.
7. All specifications valid for radiation dose
1E6 rads(Si).
8. Power does not include power contribution of any TTL output sink current.
9. Power dissipation specified per switching output.
10. This value is guaranteed based on characterization data, but not tested.
AC ELECTRICAL CHARACTERISTICS 2
(VDD = 5.0V 10%; VSS = 0V
1, -55 C < T
C < +125 C)
Notes:
1. Maximum allowable relative shift equals 50mV.
2. All specifications valid for radiation dose 1E6 rads(Si)
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
tPHL
Input to Yn
1
19
ns
tPLH
Input to Yn
1
11
ns


Similar Part No. - UT54ACTS04

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS04 AEROFLEX-UT54ACTS04 Datasheet
230Kb / 9P
   Hex Inverters
UT54ACTS04E AEROFLEX-UT54ACTS04E Datasheet
120Kb / 7P
   Hex Inverters
More results

Similar Description - UT54ACTS04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACS04MS RENESAS-ACS04MS Datasheet
220Kb / 2P
   Radiation Hardened Hex Inverter
November 1998
logo
Intersil Corporation
HCTS04MS INTERSIL-HCTS04MS Datasheet
49Kb / 9P
   Radiation Hardened Hex Inverter
August 1995
logo
Renesas Technology Corp
HCTS04MS RENESAS-HCTS04MS Datasheet
575Kb / 8P
   Radiation Hardened Hex Inverter
August 1995
logo
Intersil Corporation
HCS04MS INTERSIL-HCS04MS Datasheet
104Kb / 8P
   Radiation Hardened Hex Inverter
August 1995
ACTS04MS INTERSIL-ACTS04MS Datasheet
90Kb / 3P
   Radiation Hardened Hex Inverter
ACS04MS INTERSIL-ACS04MS Datasheet
50Kb / 2P
   Radiation Hardened Hex Inverter
November 1998
logo
Renesas Technology Corp
ACTS04MS RENESAS-ACTS04MS Datasheet
246Kb / 2P
   Radiation Hardened Hex Inverter
January 1996
HCS04MS RENESAS-HCS04MS Datasheet
573Kb / 8P
   Radiation Hardened Hex Inverter
August 1995
logo
Intersil Corporation
HCTS14MS INTERSIL-HCTS14MS Datasheet
131Kb / 8P
   Radiation Hardened HEX Inverting Schmitt Trigger
August 1995
logo
Renesas Technology Corp
ACS14MS RENESAS-ACS14MS Datasheet
227Kb / 2P
   Radiation Hardened Hex Inverting Schmitt Trigger
November 1998
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com