Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMH4042AGAHM Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMH4042AGAHM
Description  Distributed Power Hot-Swap Controller for CompactPCI
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042AGAHM Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMH4042AGAHM Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4042AGAHM Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042AGAHM Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042AGAHM Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4042AGAHM Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4042AGAHM Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4042AGAHM Datasheet HTML 12Page - Summit Microelectronics, Inc. SMH4042AGAHM Datasheet HTML 13Page - Summit Microelectronics, Inc. SMH4042AGAHM Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
SMH4042A
2070
9.1 5/27/03
SUMMIT MICROELECTRONICS, Inc.
Figure 4. Host-Initiated Reset Timing
Over-current Circuit Breaker
The SMH4042A provides a circuit breaker function to
protect against short circuit conditions or exceeding the
supply limits. By placing a series resistor between the
host supply and the CBI pins, the breakers will trip
whenever the voltage drop across the series resistor is
greater than 50mV for more than 16µs.
The over-current detection circuit was designed to maxi-
mize protection while minimizing false alarms. The most
critical period of time is during the power-on sequence
when the backend circuits are first being energized. If the
card has a faulty component or shorted traces, the time
to shut off should be minimal. However, if the board has
been operational for a long period of time the likelihood of
a catastrophic failure occurring is quite low. Therefore,
the SMH4042A employs two different sampling schemes.
During power-up the device will sample the current every
500ns. If eight consecutive over-current conditions are
detected the VGATE outputs will immediately be shut
down. This provides an effective response time of 4µs.
During normal operation, after the FETs have been turned
on, the sampling rate will be adjusted to 2µs, thus
providing an effective response time of 16µs.
Also see Figure 3.
RESET CONTROL
While in the power sequencing mode, the reset outputs
are the last to be released. When they are released all
conditions of a successful power-up sequence must have
been met:
1) VCC and HST_3V_MON are at or above their respec-
tive VTRIP levels;
2) BD_SEL# inputs are low;
3) CARD_3V_MON and CARD_5V_MON are at or above
their respective trip levels;
4) PWR_EN is high; and
5) PCI_RST is high.
The PCI-RST# input must be high for the reset outputs to
be released. Assuming all of the conditions listed above
have been met and PCI_RST# is high and tPURST has
expired, a low input of greater than 40ns duration on the
PCI_RST# input will initiate a reset cycle. The duration of
the reset cycle will be determined by the PCI_RST# input.
If PCI_RST# low is shorter than tPURST, the reset outputs
will be driven active for tPURST. If PCI_RST# is longer than
tPURST the reset outputs will remain active until PCI_RST#
is released.
Also see Figure 4.
LOCAL_PCI_RST#
tPURST
2070 Fig04
LOCAL_PCI_RST
PCI_RST#
tPRLPR
tPURST


Similar Part No. - SMH4042AGAHM

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGM SUMMIT-SMH4042G-AGM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AGN SUMMIT-SMH4042G-AGN Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHM SUMMIT-SMH4042G-AHM Datasheet
225Kb / 28P
   Hot Swap??Controller
SMH4042G-AHN SUMMIT-SMH4042G-AHN Datasheet
225Kb / 28P
   Hot Swap??Controller
More results

Similar Description - SMH4042AGAHM

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
   Distributed Power Hot-Swap Controller
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
   Distributed Power Hot-Swap Controller
SMH4811 SUMMIT-SMH4811 Datasheet
358Kb / 16P
   DISTRIBUTED POWER HOT SWAP CONTROLLER
logo
List of Unclassifed Man...
SMT4004 ETC-SMT4004 Datasheet
480Kb / 23P
   Distributed Power Hot-Swap Controller
logo
Summit Microelectronics...
SMH4803A SUMMIT-SMH4803A Datasheet
430Kb / 19P
   Distributed Power Hot Swap Controller
SMH4812 SUMMIT-SMH4812 Datasheet
435Kb / 19P
   Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1644 LINER-LTC1644_15 Datasheet
453Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1644 LINER-LTC1644 Datasheet
452Kb / 24P
   CompactPCI Bus Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com